Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4416P-3 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 4416P-3
Description  Thick Film Surface Mounted Wide Body Tape and reel packaging standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4416P-3 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  4416P-3 Datasheet HTML 1Page - Bourns Electronic Solutions 4416P-3 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
19
R10
R1
12
18
17
R9
R2
34
16
15
R8
R3
56
14
13
R7
R4
78
12
11
R6
R5
910
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
4400P Series - Thick Film Surface Mounted Wide Body
REV. 05/12
For information on specific applications,
download Bourns’ application notes:
■ DRAM Applications
■ Dual Terminator Resistor Networks
■ R/2R Ladder Networks
■ SCSI Applications
Isolated Resistors (1 and 4 Circuits)
Model 4416P-1
Model 4420P-1 (Shown)
Bussed Resistors (2 Circuit)
Model 4416P-2
Model 4420P-2 (Shown)
Dual Terminator (3 Circuit)
Model 4416P-3
Model 4420P-3 (Shown)
Resistance Tolerance
10 ohms to 49 ohms ................... ±1 ohm
50 ohms to 2.2 megohms ............. ±2 %*
Power Rating per Resistor
1 Circuit at 70 °C .................. 0.160 watt
4 Circuit at 70 °C .................. 0.160 watt
Popular Resistance Values (1, 4 and 2 Circuits)**
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
10
100
180
181
1,800
182
15,000
153
120,000
124
22
220
220
221
2,000
202
18,000
183
150,000
154
27
270
270
271
2,200
222
20,000
203
180,000
184
33
330
330
331
2,700
272
22,000
223
220,000
224
39
390
390
391
3,300
332
27,000
273
270,000
274
47
470
470
471
3,900
392
33,000
333
330,000
334
56
560
560
561
4,700
472
39,000
393
390,000
394
68
680
680
681
5,600
562
47,000
473
470,000
474
82
820
820
821
6,800
682
56,000
563
560,000
564
100
101
1,000
102
8,200
822
68,000
683
680,000
684
120
121
1,200
122
10,000
103
82,000
823
820,000
824
150
151
1,500
152
12,000
123
100,000
104
1,000,000
105
* Add “F” after resistance code for ±1 % tolerance available from 100 Ω through 1M Ω, or add “D”
after resistance code for ±0.5 % tolerance available from 100 Ω through 1M Ω.
Part number suffix examples: -103 = 10K Ω, ±2 %; -103F = 10K Ω, ±1 %; -103D = 10K Ω, ±0.5 %
** Non-standard values available, within resistance range.
Popular Resistance Values (3 Circuit)**
Resistance
Ohms
Code
R1
R2
R1
R2
160
240
161
241
180
390
181
391
220
270
221
271
220
330
221
331
330
390
331
391
330
470
331
471
3,000
6,200
302
622
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
R1
R2
R3
R4
R5
R6
R7
R8
9
12
10
11
R9
R10
20
14
1
7
13
8
19
2
18
3
17
4
16
5
15
6
R1
R2
R19
R3
R18
R4
R17
R5
R16
R6
R15
R7
R14
R8
R13
12
9
R9
R12
11
10
R10
R11
16
1
9
8
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
Model 4416P-4
Model 4420P-4 (Shown)
Resistor Power Temp. Derating Curve
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.160
.125
.075
.025
001, 004
Resistance Tolerance
10 ohms to 49 ohms ................... ±1 ohm
50 ohms to 2.2 megohms ............. ±2 %*
Power Rating per Resistor
2 Circuit at 70 °C .................. 0.160 watt
Resistor Power Temp. Derating Curve
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.160
.125
.075
.025
Resistance Tolerance
Below 100 ohms ...................... ±2 ohms
100 ohms to 2.2 megohms ........... ±2 %*
Power Rating per Resistor
3 Circuit at 70 °C ...................0.115 watt
Resistor Power Temp. Derating Curve
4420P-3 terminates 16 lines,
convenient for a 16-bit computer bus.
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.150
.075
.025
.115


Similar Part No. - 4416P-3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4416P-2-103 BOURNS-4416P-2-103 Datasheet
235Kb / 2P
   4400P Series - Thick Film Surface Mounted Wide Body
4416P-2-391 BOURNS-4416P-2-391 Datasheet
235Kb / 2P
   Compliant leads to reduce solder joint fatiguing
4416P-LF BOURNS-4416P-LF Datasheet
63Kb / 1P
   Networks
4416P-R2R-503 BOURNS-4416P-R2R-503 Datasheet
60Kb / 1P
   R/2R Ladder Networks
4416P-R2R-503 BOURNS-4416P-R2R-503 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
More results

Similar Description - 4416P-3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4816P-1-103FLF BOURNS-4816P-1-103FLF Datasheet
366Kb / 2P
   Thick Film Surface Mounted Medium Body Tape and reel packaging standard
4400P BOURNS-4400P Datasheet
247Kb / 2P
   Thick Film Surface Mounted Wide Body
4416P-T02-222 BOURNS-4416P-T02-222 Datasheet
235Kb / 2P
   4400P Series - Thick Film Surface Mounted Wide Body
4416P-2-103 BOURNS-4416P-2-103 Datasheet
235Kb / 2P
   4400P Series - Thick Film Surface Mounted Wide Body
4800P BOURNS-4800P Datasheet
257Kb / 3P
   Thick Film Surface Mounted Medium Body
4800P BOURNS-4800P_13 Datasheet
364Kb / 3P
   Thick Film Surface Mounted Medium Body
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com