Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7845E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7845E
Description  5-WIRE TOUCH SCREEN INTERFACE, RATIOMETRIC CONVERSION, SINGLE SUPPLY:2V to 5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7845E Datasheet(HTML) 2 Page - Texas Instruments

  ADS7845E Datasheet HTML 1Page - Texas Instruments ADS7845E Datasheet HTML 2Page - Texas Instruments ADS7845E Datasheet HTML 3Page - Texas Instruments ADS7845E Datasheet HTML 4Page - Texas Instruments ADS7845E Datasheet HTML 5Page - Texas Instruments ADS7845E Datasheet HTML 6Page - Texas Instruments ADS7845E Datasheet HTML 7Page - Texas Instruments ADS7845E Datasheet HTML 8Page - Texas Instruments ADS7845E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
2
ADS7845
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
12
Bits
ANALOG INPUT
Full-Scale Input Span
Positive Input - Negative Input
0
VREF
V
Absolute Input Range
Positive Input
–0.2
+VCC +0.2
V
Negative Input
–0.2
+0.2
V
Capacitance
25
pF
Leakage Current
0.1
µA
SYSTEM PERFORMANCE
No Missing Codes
11
Bits
Integral Linearity Error
±2
LSB(1)
Offset Error
±6
LSB
Gain Error
±4
LSB
Noise
30
µVrms
Power Supply Rejection Ratio
70
dB
SAMPLING DYNAMICS
Conversion Time
12
Clk Cycles
Acquisition Time
3
Clk Cycles
Throughput Rate
125
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
30
ns
Aperture Jitter
100
ps
Channel-to-Channel Isolation
VIN = 2.5Vp-p at 50kHz
100
dB
SWITCH DRIVERS
On-Resistance
UL, UR
7
LL, LR
7
REFERENCE INPUT
Range
1.0
+VCC
V
Resistance
CS = GND or +VCC
5G
Input Current
13
40
µA
fSAMPLE = 12.5kHz
2.5
µA
CS = +VCC
0.001
3
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels, Except PENIRQ
VIH
| IIH | ≤ +5µA+VCC • 0.7
+VCC +0.3
VIL
| IIL | ≤ +5µA
–0.3
+0.8
V
VOH
IOH = –250µA+VCC • 0.8
V
VOL
IOL = 250µA
0.4
V
PENIRQ
VOL
TA = 0°C to +85°C, 100kΩ Pull-Up
0.8
V
Data Format
Straight Binary
POWER SUPPLY REQUIREMENTS
+VCC
Specified Performance(2)
2.7
5.5
V
Quiescent Current
280
650
µA
fSAMPLE = 12.5kHz
220
µA
Shutdown Mode with
3
µA
DCLK = DIN = +VCC
Power Dissipation
+VCC = +2.7V
1.8
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
SPECIFICATIONS
At TA = –40°C to +85°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, fCLK = 16 • fSAMPLE = 2MHz, 12-bit mode, and digital inputs = GND or +VCC, unless
otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ADS7845E
NOTE: (1) LSB means Least Significant Bit. With VREF equal to +2.5V, one LSB is 610µV. (2) ADS7845 will operate down to 2.0V.


Similar Part No. - ADS7845E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7845E BURR-BROWN-ADS7845E Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7845E BURR-BROWN-ADS7845E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
More results

Similar Description - ADS7845E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2046 HMSEMI-HM2046 Datasheet
1Mb / 21P
   Four-wire touch screen control interface
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
149Kb / 8P
   Single Supply Operation: 2V to 36V
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843 Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7843 MAXIM-MXB7843_05 Datasheet
519Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
GENE-QM77-B AAEON-GENE-QM77-B Datasheet
293Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
GENE-QM77-A AAEON-GENE-QM77-A Datasheet
295Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com