Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D102K29X5FL6TL6R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D102K29X5FL6TL6R
Description  Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D102K29X5FL6TL6R Datasheet(HTML) 3 Page - Vishay Siliconix

  D102K29X5FL6TL6R Datasheet HTML 1Page - Vishay Siliconix D102K29X5FL6TL6R Datasheet HTML 2Page - Vishay Siliconix D102K29X5FL6TL6R Datasheet HTML 3Page - Vishay Siliconix D102K29X5FL6TL6R Datasheet HTML 4Page - Vishay Siliconix D102K29X5FL6TL6R Datasheet HTML 5Page - Vishay Siliconix D102K29X5FL6TL6R Datasheet HTML 6Page - Vishay Siliconix D102K29X5FL6TL6R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28513
42
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 500 VDC, General Purpose
Note
(1) SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack.
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Z5U
1000
± 20
5.0
5.0
4.0
D102M20Z5UL6.J5.
1500
D152M25Z5UL6.J5.
2200
D222M25Z5UL6.J5.
3300
7.5
D332M29Z5UL6.J5.
4700
8.5
D472M33Z5UL6.J5.
6800
10.0
D682M39Z5UL6.J5.
10 000
11.0
D103M43Z5UL6.J5.
15 000
13.5
7.5
D153M53Z5UL6.J7.
22 000
15.0
D223M59Z5UL6.J7.
CLASS 2 X5F
1 00
± 10
5.0
5.0
4.0
D101K20X5FL6.J5.R.
2 20
D221K20X5FL6.J5.R.
330
D331K20X5FL6.J5.R.
470
6.5
D471K25X5FL6.J5.R.
680
D681K25X5FL6.J5.R.
1000
7.5
D102K29X5FL6.J5.R.
2200
10.0
D222K39X5FL6.J5.R.
3300
12.0
7.5
D332K47X5FL6.J7R.
4700
13.5
4.8
D472K53X5FL6.J7R.
ORDERING INFORMATION (PREFERED TYPES), CLASS 2, 500 VDC, KINKED
PACKAGING
DMAX.
(mm)
SIZE CODE
PACKAGING QUANTITIES
BULK
REEL
AMMO
5.0 (0.20")
20
1000
2000
2000
6.5 (0.25")
25
7.5 (0.29")
29
8.5 (0.33")
33
10.0 (0.39")
39
11.0 (0.43")
43
12.0 (0.47")
47
13.5 (0.53")
53
500
-
-
15.0 (0.59")
59
17.5 (0.69")
69


Similar Part No. - D102K29X5FL6TL6R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D102K29X5FL6.J5.R. VISHAY-D102K29X5FL6.J5.R. Datasheet
295Kb / 6P
   D Series
Revision: 07-Jan-10
More results

Similar Description - D102K29X5FL6TL6R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
HV500V VISHAY-HV500V_08 Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
HV500V VISHAY-HV500V Datasheet
134Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 28-Sep-06
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com