Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7818 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7818
Description  500kHz THROUGHPUT RATE, 2.5V INTERNAL REFFRENCE, LOW POWER: 11mW
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7818 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7818 Datasheet HTML 7Page - Texas Instruments ADS7818 Datasheet HTML 8Page - Texas Instruments ADS7818 Datasheet HTML 9Page - Texas Instruments ADS7818 Datasheet HTML 10Page - Texas Instruments ADS7818 Datasheet HTML 11Page - Texas Instruments ADS7818 Datasheet HTML 12Page - Texas Instruments ADS7818 Datasheet HTML 13Page - Texas Instruments ADS7818 Datasheet HTML 14Page - Texas Instruments ADS7818 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
®
ADS7818
Table II offers a look at the two different modes of operation
and the difference in power consumption.
the conversion will terminate immediately, before all 12-bits
have been decided. This can be a very useful feature when
a resolution of 12-bits is not needed. An example would be
when the converter is being used to monitor an input voltage
until some condition is met. At that time, the full resolution
of the converter would then be used. Short-cycling the
conversion can result in a faster conversion rate or lower
power dissipation.
There are several very important items shown in Figure 6.
The conversion currently in progress is terminated when
CONV is taken HIGH during the conversion and then taken
LOW prior to tCKCH before the start of the 13th clock cycle.
Note that if CONV goes LOW during the 13th clock cycle,
then the LSB first mode will be entered (Figure 5). Also,
when CONV goes LOW, the DATA output immediately
transitions to high impedance. If the output bit that is present
during that clock period is needed, CONV must not go LOW
until the bit has been properly latched into the receiving
logic.
DATA FORMAT
The ADS7818 output data is in straight binary format as
shown in Figure 7. This figure shows the ideal output code
for the given input voltage and does not include the effects
of offset, gain, or noise.
POWER WITH
POWER WITH
fSAMPLE
CLK = 16 • fSAMPLE
CLK = 8MHz
500kHz
11mW
11mW
250kHz
10mW
7mW
100kHz
9mW
4mW
TABLE II. Power Consumption versus CLK Input.
LSB FIRST DATA TIMING
Figure 5 shows a method to transmit the digital result in a
least-significant bit (LSB) format. This mode is entered
when CONV is pulled HIGH during the conversion (before
the end of the 12th clock) and then pulled LOW during the
13th clock (when D0, the LSB, is being transmitted). The
next 11 clocks then repeat the serial data, but in an LSB first
format. The converter enters the power-down mode during
the 13th clock and resumes normal operation when CONV
goes HIGH.
SHORT-CYCLE TIMING
The conversion currently in progress can be “short-cycled”
with the technique shown in Figure 6. This term means that
FIGURE 6. Short-cycle Timing.
D11
(MSB)
DATA
CONVERSION IN PROGRESS
IDLE
IDLE
CLK
CONV
POWER MODE
FULL POWER
LOW POWER
D10
D8
D9
D7
12
3
5
46
7
D6
INTERNAL
CONVERSION
STATE
t
CVDD
t
CVL
t
CVH
HOLD
SAMPLE
SAMPLE/HOLD
MODE
NOTE: (1) The conversion currently in progress can be stopped by pulling CONV LOW during the conversion. This must occur at
least t
CKCS prior to the start of the 13th clock cycle. The DATA output pin will tri-state and the device will enter the power-down
mode when CONV is pulled LOW.
(1)
t
CVPD


Similar Part No. - ADS7818

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7818 BURR-BROWN-ADS7818 Datasheet
151Kb / 13P
   2SC5161
logo
Texas Instruments
ADS7818 TI-ADS7818 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818 TI-ADS7818 Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818 TI1-ADS7818 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7818E BURR-BROWN-ADS7818E Datasheet
151Kb / 13P
   2SC5161
More results

Similar Description - ADS7818

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150 ONSEMI-NB3H5150_16 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
logo
UnitedSiC.
UJ4SC075011B7S UNITEDSIC-UJ4SC075011B7S Datasheet
740Kb / 12P
   750V-11mW SiC FET
January 2022
UJ4SC075011K4S UNITEDSIC-UJ4SC075011K4S Datasheet
743Kb / 12P
   750V-11mW SiC FET
Rev. B, July 2021
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
   MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Golledge Electronics Lt...
MCSO2EUW GOLLEDGE-MCSO2EUW Datasheet
547Kb / 4P
   Ultra Low Power 2.5V Oscillator
logo
List of Unclassifed Man...
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
   18-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-916 MURATA-PS-ADS-916 Datasheet
189Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
MAX481 ARTSCHIP-MAX481 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Analog Devices
ADM483ARZ AD-ADM483ARZ Datasheet
310Kb / 16P
   5V Low Power, Slew-Rate Limited
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com