Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF151G Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRF151G
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF151G Datasheet(HTML) 3 Page - Motorola, Inc

  MRF151G Datasheet HTML 1Page - Motorola, Inc MRF151G Datasheet HTML 2Page - Motorola, Inc MRF151G Datasheet HTML 3Page - Motorola, Inc MRF151G Datasheet HTML 4Page - Motorola, Inc MRF151G Datasheet HTML 5Page - Motorola, Inc MRF151G Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF151G
MOTOROLA RF DEVICE DATA
Figure 2. Capacitance versus
Drain–Source Voltage*
Figure 3. Common Source Unity Gain Frequency
versus Drain Current*
Figure 4. Gate–Source Voltage versus
Case Temperature*
Figure 5. DC Safe Operating Area
TYPICAL CHARACTERISTICS
Figure 6. RF Transformer
*Data shown applies to each half of MRF151G.
1000
500
200
100
50
0
20
0
102030
4050
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
1.04
0.9
– 25
0
25
50
75
100
TC, CASE TEMPERATURE (°C)
1.03
1.02
1.01
1
0.99
0.98
0.97
0.96
0.95
0.94
0.93
0.92
0.91
Ciss
Coss
Crss
ID = 5 A
4 A
2 A
1 A
250 mA
100 mA
100
10
1
2
20
200
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
2000
0
04
8
12
16
20
ID, DRAIN CURRENT (AMPS)
1000
VDS = 30 V
2
6
10
14
18
15 V
TC = 25°C
HIGH IMPEDANCE
WINDINGS
CENTER
TAP
CENTER
TAP
4:1
IMPEDANCE
RATIO
9:1
IMPEDANCE
RATIO
CONNECTIONS
TO LOW IMPEDANCE
WINDINGS


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF173 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
MRF173CQ N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
MRF177 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Motorola, Inc
MRF141 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Motorola, Inc
MRF141G N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Motorola, Inc
MRF141 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
MRF177 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
MRF141G N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
UGF27025 25W 2.7 GHz 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET 1  2  3  4  5  More List of Unclassifed Manufacturers
MRF151 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn