Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF151G Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MRF151G
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF151G Datasheet(HTML) 4 Page - Motorola, Inc

  MRF151G Datasheet HTML 1Page - Motorola, Inc MRF151G Datasheet HTML 2Page - Motorola, Inc MRF151G Datasheet HTML 3Page - Motorola, Inc MRF151G Datasheet HTML 4Page - Motorola, Inc MRF151G Datasheet HTML 5Page - Motorola, Inc MRF151G Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRF151G
4
MOTOROLA RF DEVICE DATA
Figure 7. Output Power versus Input Power
Figure 8. Power Gain versus Frequency
TYPICAL CHARACTERISTICS
Figure 9. Input and Output Impedance
30
5
2
5
10
30
100
200
f, FREQUENCY (MHz)
VDD = 50 V
IDQ = 2 x 250 mA
Pout = 150 W
25
20
15
10
350
0
05
10
Pin, INPUT POWER (WATTS)
300
250
200
150
100
50
VDD = 50 V
IDQ = 2 x 250 mA
200 MHz
175 MHz
f = 150 MHz
150
30
f = 175 MHz
Zo = 10 Ω
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.
f = 175 MHz
125
100
INPUT, Zin
(GATE TO GATE)
OUTPUT, ZOL*
(DRAIN TO DRAIN)
150
125
100
30


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF173 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
MRF173CQ N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
MRF177 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Motorola, Inc
MRF141 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Motorola, Inc
MRF141G N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Motorola, Inc
MRF141 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
MRF177 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
MRF141G N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Tyco Electronics
UGF27025 25W 2.7 GHz 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET 1  2  3  4  5  More List of Unclassifed Manufacturers
MRF151 N-CHANNEL BROADBAND RF POWER MOSFET 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn