Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV27200 Datasheet(PDF) 1 Page - Cree, Inc

Part # CGHV27200
Description  200 W, 2500-2700 MHz, GaN HEMT for LTE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV27200 Datasheet(HTML) 1 Page - Cree, Inc

  CGHV27200 Datasheet HTML 1Page - Cree, Inc CGHV27200 Datasheet HTML 2Page - Cree, Inc CGHV27200 Datasheet HTML 3Page - Cree, Inc CGHV27200 Datasheet HTML 4Page - Cree, Inc CGHV27200 Datasheet HTML 5Page - Cree, Inc CGHV27200 Datasheet HTML 6Page - Cree, Inc CGHV27200 Datasheet HTML 7Page - Cree, Inc CGHV27200 Datasheet HTML 8Page - Cree, Inc CGHV27200 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGHV27200
200 W, 2500-2700 MHz, GaN HEMT for LTE
Cree’s CGHV27200 is a gallium nitride (GaN) high electron mobility
transistor (HEMT) designed specifically for high efficiency, high gain and
wide bandwidth capabilities, which makes the CGHV27200 ideal for 2.5-
2.7 GHz LTE and BWA amplifier applications. The transistor is supplied in a
ceramic/metal flange package.
Package Type: 440162
and 440161
PN: CGHV27200F
and CGHV27200P
Features
• 2.5 - 2.7 GHz Operation
• 16 dB Gain
• -37 dBc ACLR at 50 W P
AVE
• 29 % Efficiency at 50 W P
AVE
• High Degree of DPD Correction Can be Applied
Typical Performance Over 2.5 - 2.7 GHz (T
C = 25˚C) of Demonstration Amplifier
Parameter
2.5 GHz
2.6 GHz
2.7 GHz
Units
Gain @ 47 dBm
15.0
16.0
16.0
dB
ACLR @ 47 dBm
-36.5
-37.5
-37.0
dBc
Drain Efficiency @ 47 dBm
29.0
28.5
29.0
%
Note:
Measured in the CGHV27200-TB amplifier circuit, under WCDMA 3GPP test model 1, 64 DPCH, 45% clipping,
PAR = 7.5 dB @ 0.01% Probability on CCDF.
PRELIMINARY


Similar Part No. - CGHV27200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27200-AMP CREE-CGHV27200-AMP Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200-TB CREE-CGHV27200-TB Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200F CREE-CGHV27200F Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200P CREE-CGHV27200P Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
More results

Similar Description - CGHV27200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27100 CREE-CGHV27100 Datasheet
1Mb / 11P
   100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV27060MP CREE-CGHV27060MP Datasheet
1Mb / 8P
   60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
   120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
logo
WOLFSPEED, INC.
CGHV35060MP WOLFSPEED-CGHV35060MP Datasheet
2Mb / 11P
   60 W, 2700-3800 MHz, 50 V GaN HEMT for S-Band Radar and LTE Base Stations
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV35060MP CREE-CGHV35060MP_16 Datasheet
1Mb / 8P
   60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com