Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE5809 Datasheet(PDF) 78 Page - Texas Instruments

Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5809 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AFE5809_13 Datasheet HTML 74Page - Texas Instruments AFE5809_13 Datasheet HTML 75Page - Texas Instruments AFE5809_13 Datasheet HTML 76Page - Texas Instruments AFE5809_13 Datasheet HTML 77Page - Texas Instruments AFE5809_13 Datasheet HTML 78Page - Texas Instruments AFE5809_13 Datasheet HTML 79Page - Texas Instruments AFE5809_13 Datasheet HTML 80Page - Texas Instruments AFE5809_13 Datasheet HTML 81Page - Texas Instruments AFE5809_13 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
AFE5809
SLOS738C – SEPTEMBER 2012 – REVISED JANUARY 2013
www.ti.com
NOTE
The local oscillator inputs of the passive mixer are cos(
ωt) for I-CH and sin(ωt) for Q-CH
respectively. Depending on users' CW Doppler complex FFT processing, swapping I/Q
channels in FPGA or DSP may be needed in order to get correct blood flow directions.
CW Clock Selection
The AFE5809 can accept differential LVDS, LVPECL, and other differential clock inputs as well as single-ended
CMOS clock. An internally generated VCM of 2.5V is applied to CW clock inputs, that is CLKP_16X/ CLKM_16X
and CLKP_1X/ CLKM_1X. Since this 2.5 V VCM is different from the one used in standard LVDS or LVPECL
clocks, AC coupling is required between clock drivers and the AFE5809 CW clock inputs. When CMOS clock is
used, CLKM_1X and CLKM_16X should be tied to ground. Common clock configurations are illustrated in
Figure 100. Appropriate termination is recommended to achieve good signal integrity.
78
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE5809


Similar Part No. - AFE5809_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
More results

Similar Description - AFE5809_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
[Old version datasheet]   AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
[Old version datasheet]   Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com