Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1118 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1118
Description  Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1118 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1118 Datasheet HTML 6Page - Texas Instruments ADS1118 Datasheet HTML 7Page - Texas Instruments ADS1118 Datasheet HTML 8Page - Texas Instruments ADS1118 Datasheet HTML 9Page - Texas Instruments ADS1118 Datasheet HTML 10Page - Texas Instruments ADS1118 Datasheet HTML 11Page - Texas Instruments ADS1118 Datasheet HTML 12Page - Texas Instruments ADS1118 Datasheet HTML 13Page - Texas Instruments ADS1118 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
0
10
20
30
40
50
60
70
80
-
-
-
-
-
-
-
-
1
10
100
1k
10k
Input Frequency (Hz)
Data Rate = 8 SPS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 2.0 V
VDD = 3.3 V
VDD = 5.0 V
G003
0
50
100
150
200
Gain Error (%)
540 units from 3 production lots
FS = ±2.048V
G000
300
250
200
150
100
50
0
-40
-20
0
20
40
60
80
100
120
140
Temperature ( C)
°
VDD = 5 V
VDD = 2 V
VDD = 3.3 V
0.15
0.1
0.05
0
0.05
0.1
0.15
-
-
-
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
FS = 256 mV
±
FS = 2.048 V
±
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0.04
0.05
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
FS = ±0.256V
FS = ±0.512V
FS = ±1.024V
FS = ±2.048V
FS = ±4.096V
FS = ±6.144V
G008
ADS1118
SBAS457C – OCTOBER 2010 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD = 3.3 V, unless otherwise noted.
GAIN ERROR vs TEMPERATURE
GAIN ERROR vs SUPPLY
Figure 20.
Figure 21.
GAIN ERROR HISTOGRAM
OPERATING CURRENT vs TEMPERATURE
Figure 22.
Figure 23.
POWER-DOWN CURRENT vs TEMPERATURE
FREQUENCY RESPONSE
Figure 24.
Figure 25.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: ADS1118


Similar Part No. - ADS1118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1118 TI1-ADS1118 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118-Q1 TI1-ADS1118-Q1 Datasheet
709Kb / 41P
[Old version datasheet]   Analog-to-Digital Converter
ADS1118-Q1 TI-ADS1118-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results

Similar Description - ADS1118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com