Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCLE400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCLE400
Description  NTC Thermistors, Special Long Lead Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE400 Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCLE400 Datasheet HTML 1Page - Vishay Siliconix NTCLE400 Datasheet HTML 2Page - Vishay Siliconix NTCLE400 Datasheet HTML 3Page - Vishay Siliconix NTCLE400 Datasheet HTML 4Page - Vishay Siliconix NTCLE400 Datasheet HTML 5Page - Vishay Siliconix NTCLE400 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29060
2
Revision: 03-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCLE400, NTCLS100, NTCLP100
Vishay BCcomponents
NTC Thermistors, Special Long
Lead Sensors
DIMENSIONS in millimeters
Epoxy-coated type NTCLE400E....
L = 400 mm + 15/- 0
Other wire lengths or connector attached available on request.
Sleeved type NTCLS100E....
L = 400 mm + 15/- 0
Other wire lengths or connector attached available on request.
Brass-pipe type NTCLP100E....
L = 400 mm + 15/- 0
Other wire lengths or connector attached available on request.
DERATING
Power derating curve.
Note
• Zero power is considered as measuring power max. 1 % of max. power.
L
6 max.
17 ± 3
5 ± 2
L
8 max.
25 ± 5
15 max.
5 ± 2
6 ± 0.1
25 ± 0.5
L
5 ± 2
055
- 40
85
125
T
amb (°C)
100
0
P
(%)


Similar Part No. - NTCLE400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE400 VISHAY-NTCLE400 Datasheet
97Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 24-Aug-17
NTCLE400 VISHAY-NTCLE400 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLE400E3103H VISHAY-NTCLE400E3103H Datasheet
95Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 03-May-11
NTCLE400E3103H VISHAY-NTCLE400E3103H Datasheet
97Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 24-Aug-17
NTCLE400E3103H VISHAY-NTCLE400E3103H Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
More results

Similar Description - NTCLE400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLP100E3103H VISHAY-NTCLP100E3103H Datasheet
95Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 03-May-11
23226412 VISHAY-23226412 Datasheet
67Kb / 4P
   NTC Thermistors, Special Long Lead Sensors
Revision: 10-Oct-03
NTCAPIPE3C9 VISHAY-NTCAPIPE3C9_V01 Datasheet
78Kb / 2P
   NTC Thermistors, Special Long Lead Sensors
01-Jan-2022
NTCAPIPE3C9 VISHAY-NTCAPIPE3C9 Datasheet
75Kb / 2P
   NTC Thermistors, Special Long Lead Sensors
Revision: 24-Mar-17
NTCLE400 VISHAY-NTCLE400_17 Datasheet
97Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 24-Aug-17
232264510 VISHAY-232264510 Datasheet
46Kb / 2P
   NTC Thermistors, Long Lead Sensors
Revision: 10-Oct-03
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
232264010472 VISHAY-232264010472 Datasheet
56Kb / 4P
   NTC Thermistors, Special Accuracy
Revision: 10-Oct-03
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLS100 VISHAY-NTCLS100 Datasheet
99Kb / 6P
   NTC Thermistors, Sleeved Long PVC Leads Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com