Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC_PRE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MC_PRE
Description  Precision Thin Film Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MC_PRE Datasheet(HTML) 2 Page - Vishay Siliconix

  MC_PRE Datasheet HTML 1Page - Vishay Siliconix MC_PRE Datasheet HTML 2Page - Vishay Siliconix MC_PRE Datasheet HTML 3Page - Vishay Siliconix MC_PRE Datasheet HTML 4Page - Vishay Siliconix MC_PRE Datasheet HTML 5Page - Vishay Siliconix MC_PRE Datasheet HTML 6Page - Vishay Siliconix MC_PRE Datasheet HTML 7Page - Vishay Siliconix MC_PRE Datasheet HTML 8Page - Vishay Siliconix MC_PRE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Precision
www.vishay.com
Vishay Beyschlag
Revision: 16-Jan-13
2
Document Number: 28700
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Products can be ordered using either the PART NUMBER or PRODUCT DESCRIPTION.
Notes
• Resistance values are available from the E96 and E192 series, other values are available on request.
• Resistance ranges printed in bold are preferred TCR/tolerance combinations with optimized availability.
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: MCT06030D4641BPW00
TYPE/SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
MCS0402
MCT0603
MCU0805
MCA1206
0 = Neutral
F = ± 10 ppm/K
E = ± 15 ppm/K
D = ± 25 ppm/K
3 digit value
1 digit
multiplier
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
B = ± 0.1 %
C = ± 0.25 %
P1
P5
PW
E1
E0
Product Description: MCT 0603-25 0.1 % PW 4K64
MCT
0603
-25
0.1 %
PW
4K64
TYPE
SIZE
TCR
TOLERANCE
PACKAGING
RESISTANCE
MCS
MCT
MCU
MCA
0402
0603
0805
1206
± 10 ppm/K
± 15 ppm/K
± 25 ppm/K
± 0.1 %
± 0.25 %
P1
P5
PW
E1
E0
4K64 = 4.64 k
50R1 = 50.1
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE RANGE
TCR
TOLERANCE
MCS 0402
MCT 0603
MCU 0805
MCA 1206
± 25 ppm/K
± 0.25 %
100
 to 221 k
39
 to 511 k
39
 to 1.5 M
39
 to 2 M
± 0.1 %
100
 to 221 k
47
 to 511 k
47
 to 1.5 M
47
 to 2 M
± 15 ppm/K
± 0.25 %
100
 to 150 k
39
 to 332 k
39
 to 1 M
39
 to 1.5 M
± 0.1 %
100
 to 150 k
47
 to 332 k
47
to 1 M
47
 to 1.5 M
± 10 ppm/K
± 0.25 %
100
 to 130 k
39
 to 221 k
39
 to 511 k
39
 to 1 M
± 0.1 %
100
 to 130 k
47
 to 221 k
47
to 511 k
47
 to 1 M
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
MCS 0402
E1
1000
Paper tape acc.
IEC 60286-3
type I
8 mm
2 mm
180 mm/7"
E0
10 000
MCT 0603
P1
1000
4 mm
180 mm/7"
P5
5000
PW
20 000
330 mm/13"
MCU 0805
P1
1000
180 mm/7"
P5
5000
PW
20 000
330 mm/13"
MCA 1206
P1
1000
180 mm/7"
P5
5000
C
T
0
603
0
D
4
M
41
B
P
W
00
6


Similar Part No. - MC_PRE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFPR35V337M10X16 ETC2-MCFPR35V337M10X16 Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
MCFPR35V476M6.3X11 ETC2-MCFPR35V476M6.3X11 Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
MCFPR35V477M10X21 ETC2-MCFPR35V477M10X21 Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
logo
NXP Semiconductors
MCGPR100V227M16X26 NXP-MCGPR100V227M16X26 Datasheet
294Kb / 8P
   RF Power GaN Transistor
MCGPR100V227M16X26 NXP-MCGPR100V227M16X26 Datasheet
379Kb / 9P
   RF Power GaN Transistor
More results

Similar Description - MC_PRE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com