Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF37T05IRGER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37T05IRGER
Description  300-MHz to 4-GHz Quadrature Modulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF37T05IRGER Datasheet(HTML) 5 Page - Texas Instruments

  TRF37T05IRGER Datasheet HTML 1Page - Texas Instruments TRF37T05IRGER Datasheet HTML 2Page - Texas Instruments TRF37T05IRGER Datasheet HTML 3Page - Texas Instruments TRF37T05IRGER Datasheet HTML 4Page - Texas Instruments TRF37T05IRGER Datasheet HTML 5Page - Texas Instruments TRF37T05IRGER Datasheet HTML 6Page - Texas Instruments TRF37T05IRGER Datasheet HTML 7Page - Texas Instruments TRF37T05IRGER Datasheet HTML 8Page - Texas Instruments TRF37T05IRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TRF37T05
www.ti.com
SLWS239 – JUNE 2013
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating conditions; at power supply = 3.3 V, TA = 25°C, VCM = 0.25 V; LO Power = 0 dBm, single-
ended (LOP); GC set low, VIN BB = 1 VPP (diff) in quadrature, and fBB = 5.5 MHz, standard broadband output matching circuit,
unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fLO = 900 MHz
Output RMS voltage over input I (or Q) RMS
0.3
dB
voltage, GC set low
G
Voltage gain
Output RMS voltage over input I (or Q) RMS
3.1
dB
voltage, GC set high
GC set low
4.3
dBm
POUT
Output power
GC set high
7.1
dBm
GC set low
13.2
dBm
P1dB
Output compression point
GC set high
13.7
dBm
fBB1 = 4.5 MHz; fBB2 = 5.5 MHz; GC set low
31.7
dBm
IP3
Output IP3
fBB1 = 4.5 MHz; fBB2 = 5.5 MHz; GC set high
30.9
dBm
Measured at fLO + (fBB1± fBB2), GC set low
71.5
dBm
IP2
Output IP2
Measured at fLO + (fBB1± fBB2), GC set high
75.3
dBm
SBS
Unadjusted sideband suppression
–43.8
dBc
Measured at LO frequency
–48.5
dBm
CF
Unadjusted carrier feedthrough
Measured at 2 x LO
–53
dBm
Measured at 3 x LO
–50
dBm
Output noise floor
DC only to BB inputs; 10-MHz offset from LO
–157.9
dBm/Hz
Measured with ±1-MHz tone at 0.5 VPP each at
HD2BB
Baseband harmonics
–80
dBc
fLO ±(2 x fBB)
Measured with ±1-MHz tone at 0.5 VPP each at
HD3BB
Baseband harmonics
–65
dBc
fLO ±(3 x fBB)
fLO = 1840 MHz
Output RMS voltage over input I (or Q) RMS
–0.1
dB
voltage, GC set low
G
Voltage gain
Output RMS voltage over input I (or Q) RMS
2.5
dB
voltage, GC set high
GC set low
3.9
dBm
POUT
Output power
GC set high
6.5
dBm
GC set low
13.2
dBm
P1dB
Output compression point
GC set high
13.6
dBm
fBB1 = 4.5 MHz; fBB2 = 5.5 MHz; GC set low
32.1
dBm
IP3
Output IP3
fBB1 = 4.5 MHz; fBB2 = 5.5 MHz; GC set high
30.3
dBm
Measured at fLO + (fBB1± fBB2), GC set low
60.8
dBm
IP2
Output IP2
Measured at fLO + (fBB1± fBB2), GC set high
62
dBm
SBS
Unadjusted sideband suppression
–43.4
dBc
Measured at LO frequency
–42.4
dBm
CF
Unadjusted carrier feedthrough
Measured at 2 x LO
–41
dBm
Measured at 3 x LO
–53
dBm
Output noise floor
DC only to BB inputs; 10-MHz offset from LO
–158.8
dBm/Hz
Measured with ±1-MHz tone at 0.5 VPP each at
HD2BB
Baseband harmonics
–69
dBc
fLO ±(2 x fBB)
Measured with ±1-MHz tone at 0.5 VPP each at
HD3BB
Baseband harmonics
–80
dBc
fLO ±(3 x fBB)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TRF37T05


Similar Part No. - TRF37T05IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37T05IRGER TI1-TRF37T05IRGER Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results

Similar Description - TRF37T05IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
logo
ATMEL Corporation
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
logo
Analog Devices
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com