Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS54628DDAR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS54628DDAR
Description  4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode™
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54628DDAR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS54628DDAR Datasheet HTML 13Page - Texas Instruments TPS54628DDAR Datasheet HTML 14Page - Texas Instruments TPS54628DDAR Datasheet HTML 15Page - Texas Instruments TPS54628DDAR Datasheet HTML 16Page - Texas Instruments TPS54628DDAR Datasheet HTML 17Page - Texas Instruments TPS54628DDAR Datasheet HTML 18Page - Texas Instruments TPS54628DDAR Datasheet HTML 19Page - Texas Instruments TPS54628DDAR Datasheet HTML 20Page - Texas Instruments TPS54628DDAR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS54628DDAR
SO
Power
PAD
DDA
8
2500
330.0
12.8
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
18-May-2013
Pack Materials-Page 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn