Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH1CV5DPQ-E0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJH1CV5DPQ-E0
Description  1200V - 25A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH1CV5DPQ-E0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJH1CV5DPQ-E0_13 Datasheet HTML 1Page - Renesas Technology Corp RJH1CV5DPQ-E0_13 Datasheet HTML 2Page - Renesas Technology Corp RJH1CV5DPQ-E0_13 Datasheet HTML 3Page - Renesas Technology Corp RJH1CV5DPQ-E0_13 Datasheet HTML 4Page - Renesas Technology Corp RJH1CV5DPQ-E0_13 Datasheet HTML 5Page - Renesas Technology Corp RJH1CV5DPQ-E0_13 Datasheet HTML 6Page - Renesas Technology Corp RJH1CV5DPQ-E0_13 Datasheet HTML 7Page - Renesas Technology Corp RJH1CV5DPQ-E0_13 Datasheet HTML 8Page - Renesas Technology Corp RJH1CV5DPQ-E0_13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R07DS0523EJ0700 Rev.7.00
Page 1 of 9
Jun 12, 2013
Preliminary Datasheet
RJH1CV5DPQ-E0
1200V - 25A - IGBT
Application: Inverter
Features
• Short circuit withstand time (5 μs typ.)
• Low collector to emitter saturation voltage
VCE(sat) = 1.8 V typ. (at IC = 25 A, VGE = 15 V, Ta = 25°C)
• Built-in fast recovery diode (t
rr = 170 ns typ.) in one package
• Trench gate and thin wafer technology
• High speed switching
tf = 165 ns typ. (at VCC = 600 V, VGE = 15 V, IC = 25 A, Rg = 5
Ω, Ta = 25°C, inductive load)
Outline
1. Gate
2. Collector
3. Emitter
4. Collector
C
G
E
1
2
3
4
RENESAS Package code: PRSS0003ZE-A
(Package name: TO-247)
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage / diode reverse voltage
VCES / VR
1200
V
Gate to emitter voltage
VGES
±30
V
Collector current
Tc = 25°C
IC
50
A
Tc = 100°C
IC
25
A
Collector peak current
ic(peak)
Note1
75
A
Collector to emitter diode forward current
IDF
25
A
Collector to emitter diode forward peak current
iDF(peak)
Note1
75
A
Collector dissipation
PC
Note2
245
W
Junction to case thermal resistance (IGBT)
θj-c
Note2
0.51
°C/W
Junction to case thermal resistance (Diode)
θj-cd
Note2
0.69
°C/W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
R07DS0523EJ0700
Rev.7.00
Jun 12, 2013


Similar Part No. - RJH1CV5DPQ-E0_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CV5DPQ-E0 RENESAS-RJH1CV5DPQ-E0_15 Datasheet
120Kb / 10P
   1200V - 25A - IGBT Application: Inverter
More results

Similar Description - RJH1CV5DPQ-E0_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CM7DPQ-E0 RENESAS-RJH1CM7DPQ-E0_15 Datasheet
114Kb / 10P
   1200V - 25A - IGBT Application: Inverter
RJH1CV5DPK RENESAS-RJH1CV5DPK_15 Datasheet
128Kb / 10P
   1200V - 25A - IGBT Application: Inverter
RJH1CM7DPQ-E0 RENESAS-RJH1CM7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 25A - IGBT Application: Inverter
RJH1CV5DPQ-E0 RENESAS-RJH1CV5DPQ-E0_15 Datasheet
120Kb / 10P
   1200V - 25A - IGBT Application: Inverter
RJH1CV5DPK RENESAS-RJH1CV5DPK Datasheet
127Kb / 10P
   1200V - 25A - IGBT Application: Inverter
Feb 14, 2013
RJH1CD6DPQ-E0 RENESAS-RJH1CD6DPQ-E0 Datasheet
59Kb / 4P
   1200V - 25A - IGBT Application: Inverter
RJH1CV5DPQ-E0 RENESAS-RJH1CV5DPQ-E0 Datasheet
59Kb / 4P
   1200V - 25A - IGBT Application: Inverter
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0_15 Datasheet
120Kb / 10P
   1200V - 30A - IGBT Application: Inverter
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CD7DPQ-E0 RENESAS-RJH1CD7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 30A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com