Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA23040xGNP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RAA23040xGNP
Description  3-ch Step-Down Switching Regulator 1-ch LDO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA23040xGNP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RAA23040xGNP Datasheet HTML 4Page - Renesas Technology Corp RAA23040xGNP Datasheet HTML 5Page - Renesas Technology Corp RAA23040xGNP Datasheet HTML 6Page - Renesas Technology Corp RAA23040xGNP Datasheet HTML 7Page - Renesas Technology Corp RAA23040xGNP Datasheet HTML 8Page - Renesas Technology Corp RAA23040xGNP Datasheet HTML 9Page - Renesas Technology Corp RAA23040xGNP Datasheet HTML 10Page - Renesas Technology Corp RAA23040xGNP Datasheet HTML 11Page - Renesas Technology Corp RAA23040xGNP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
R18DS0004EJ0102 Rev. 1.02
Page 8 of 26
Jul.09, 2013
Recommended Operating Condition
(Unless otherwise specified, TA = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Analog power supply voltage
(AVDD pin)
AVDD
2.5
5.0
5.5
V
AVDD
VPIN pin applied voltage
VPIN
AVDD
V
VPIN1 to VPIN4
SHDNB pin applied voltage
VSHDNB
0
AVDD
V
SHDNB0 to SHDNB4
CTL4 pin applied voltage
VCTL4
0
AVDD
V
CTL4
SAVE pin applied voltage
VSAVE
0
AVDD
V
SAVE
PG pin applied voltage
VPG
0
AVDD
V
PG1
II pin applied voltage
VII
0
AVDD
V
II1 to II4
Oscillation frequency
fOSC
1300
2200
kHz
Oscillator timing resistance
RT
10
kΩ
RT
Soft start resistance
RSS
1000
kΩ
SS
SCP pin capacitance
CSCP
0.1
µF
SCP
VREF pin capacitance
CREF
1.0
µF
VREF
VREG pin capacitance
CREG
1.0
µF
VREG
Operating junction temperature
TJO
–40
+125
°C


Similar Part No. - RAA23040xGNP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA230121 RENESAS-RAA230121 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA230122 RENESAS-RAA230122 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA230123 RENESAS-RAA230123 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA230131 RENESAS-RAA230131 Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
More results

Similar Description - RAA23040xGNP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5768M-TLM-H SANYO-LV5768M-TLM-H Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
LV5747QA SANYO-LV5747QA Datasheet
88Kb / 6P
   1-channel Step-down Switching Regulator
LV5768V SANYO-LV5768V Datasheet
366Kb / 15P
   1-channel Step-down Switching Regulator
logo
Rohm
BD9702T ROHM-BD9702T Datasheet
307Kb / 6P
   1 Channel Step-down Switching Regulator
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Sanyo Semicon Device
LV5747TT SANYO-LV5747TT Datasheet
87Kb / 5P
   1-channel Step-down Switching Regulator
LV5749V SANYO-LV5749V Datasheet
81Kb / 6P
   1-channel Step-down Switching Regulator
LV5761V_0909 SANYO-LV5761V_0909 Datasheet
150Kb / 6P
   1-channel Step-down Switching Regulator
LV5749NV SANYO-LV5749NV Datasheet
117Kb / 6P
   1-channel Step-down Switching Regulator
LV5768M SANYO-LV5768M Datasheet
322Kb / 15P
   1-channel Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com