Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4317 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4317
Description  Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4317 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4317 Datasheet HTML 2Page - Texas Instruments OPA4317 Datasheet HTML 3Page - Texas Instruments OPA4317 Datasheet HTML 4Page - Texas Instruments OPA4317 Datasheet HTML 5Page - Texas Instruments OPA4317 Datasheet HTML 6Page - Texas Instruments OPA4317 Datasheet HTML 7Page - Texas Instruments OPA4317 Datasheet HTML 8Page - Texas Instruments OPA4317 Datasheet HTML 9Page - Texas Instruments OPA4317 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
210
205
200
195
190
-190
-195
-200
-205
-210
0
1
2
3
4
5
Common-ModeVoltage(V)
-IB
+I
B
0
3
2
1
0
-1
-2
-3
1
OutputCurrent(mA)
10
7
8
9
6
5
4
3
2
-
°
40 C
-
°
40 C
-
°
40 C
+25 C
°
+25 C
°
+25 C
°
+125 C
°
+125 C
°
V = 2.75V
±
S
V = 0.9V
±
S
1
140
120
100
80
60
40
20
0
100k
10k
1k
100
10
Frequency(Hz)
1M
1
120
100
80
60
40
20
0
10k
100k
1k
100
10
Frequency(Hz)
1M
+PSRR
-PSRR
OffsetVoltage( V)
m
10
120
100
80
60
40
20
0
-20
250
200
150
100
50
0
-50
-100
100k
10k
1k
100
Frequency(Hz)
1M
Phase
Gain
OPA317
OPA2317
OPA4317
SBOS682A – MAY 2013 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, CL = 0 pF, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Figure 1. OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Figure 2. OPEN-LOOP GAIN vs FREQUENCY
Figure 3. COMMON-MODE REJECTION RATIO vs
Figure 4. POWER-SUPPLY REJECTION RATIO vs
FREQUENCY
FREQUENCY
Figure 5. OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Figure 6. INPUT BIAS CURRENT vs COMMON-MODE
VOLTAGE
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA317 OPA2317 OPA4317


Similar Part No. - OPA4317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317-Q1 TI1-OPA4317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317-Q1 TI1-OPA4317-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA4317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
   Dual Rail-to-Rail I/O Precision Operational Amplifier
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
   Quad Rail-to-Rail I/O Precision Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com