Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA317 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA317
Description  Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA317 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA317 Datasheet HTML 7Page - Texas Instruments OPA317 Datasheet HTML 8Page - Texas Instruments OPA317 Datasheet HTML 9Page - Texas Instruments OPA317 Datasheet HTML 10Page - Texas Instruments OPA317 Datasheet HTML 11Page - Texas Instruments OPA317 Datasheet HTML 12Page - Texas Instruments OPA317 Datasheet HTML 13Page - Texas Instruments OPA317 Datasheet HTML 14Page - Texas Instruments OPA317 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Device
3 V
1 MW
60 kW
100 kW
1 MW
NTC
Thermistor
Device
ADS1100
Load
V
I C
2
R
1
4.99 kW
R
3
4.99 kW
R
4
48.7 kW
R
2
49.9 kW
+5 V
3 V
REF3130
R
7
1.18 kW
R
SHUNT
1 W
R
6
71.5 kW
R
N
56 W
R
N
56 W
(PGA Gain = 4)
FS = 3.0 V
Stray Ground-Loop Resistance
I
LOAD
R
1
V
EX
V
OUT
V
REF
R
1
Device
R
R
R
R
+5 V
OPA317
OPA2317
OPA4317
www.ti.com
SBOS682A – MAY 2013 – REVISED JUNE 2013
APPLICATION CIRCUITS
Figure 21 shows the basic configuration for a bridge amplifier. A low-side current shunt monitor is shown in
Figure 22.
Figure 21. Single Op Amp Bridge Amplifier
NOTE: 1% resistors provide adequate common-mode rejection at small ground-loop errors.
Figure 22. Low-Side Current Monitor
RN are operational resistors used to isolate the ADS1100 from the noise of the digital I
2C bus. The ADS1100 is a
16-bit converter; therefore, a precise reference is essential for maximum accuracy. If absolute accuracy is not
required and the 5-V power supply is sufficiently stable, the REF3130 may be omitted.
Figure 23 shows the OPA317 in a typical thermistor circuit.
Figure 23. Thermistor Measurement
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA317 OPA2317 OPA4317


Similar Part No. - OPA317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
   Dual Rail-to-Rail I/O Precision Operational Amplifier
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
   Quad Rail-to-Rail I/O Precision Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com