Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM3023 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FODM3023
Description  4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3023 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FODM3023 Datasheet HTML 2Page - Fairchild Semiconductor FODM3023 Datasheet HTML 3Page - Fairchild Semiconductor FODM3023 Datasheet HTML 4Page - Fairchild Semiconductor FODM3023 Datasheet HTML 5Page - Fairchild Semiconductor FODM3023 Datasheet HTML 6Page - Fairchild Semiconductor FODM3023 Datasheet HTML 7Page - Fairchild Semiconductor FODM3023 Datasheet HTML 8Page - Fairchild Semiconductor FODM3023 Datasheet HTML 9Page - Fairchild Semiconductor FODM3023 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
FODM3010, FODM3011, FODM3012, FODM3021, FODM3022, FODM3023 Rev. 1.0.0
Ordering Information
Marking Information
Option
Description
V
VDE Approved
R1
Tape and Reel (500 units)
R2
Tape and Reel (2500 units)
R3
Tape and Reel (500 units; unit 180° rotated)
R4
Tape and Reel (2500 units; unit 180° rotated)
R1V
Tape and Reel (500 units) and VDE Approved
R2V
Tape and Reel (2500 units) and VDE Approved
R3V
Tape and Reel (500 units; unit 180° rotated) and VDE Approved
R4V
Tape and Reel (2500 units; unit 180° rotated) and VDE Approved
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE option –
See order entry table)
4
One digit year code
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
3011
X
VM
YY


Similar Part No. - FODM3023

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3023 FAIRCHILD-FODM3023 Datasheet
99Kb / 10P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
FODM3023 FAIRCHILD-FODM3023 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023 FAIRCHILD-FODM3023 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023 FAIRCHILD-FODM3023 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023 FAIRCHILD-FODM3023 Datasheet
255Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results

Similar Description - FODM3023

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R2 FAIRCHILD-FODM3012R2 Datasheet
255Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011 Datasheet
942Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October-2017, Rev. 2
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com