Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF12P20YDTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQPF12P20YDTU
Description  200V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF12P20YDTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQPF12P20YDTU Datasheet HTML 1Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 2Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 3Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 4Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 5Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 6Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 7Page - Fairchild Semiconductor FQPF12P20YDTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. B, May 2000
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ N o te s :
1 . Z
θ JC (t) = 2 . 5
℃ /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM
- T
C
= P
DM
* Z
θ JC (t)
s ing le pu ls e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 , S q u a r e
W a v e P u ls e D u r a tio n [s e c ]
25
50
75
100
125
150
0
2
4
6
8
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
1 ms
DC
100 ms
10 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
-V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
※ Notes :
1. V
GS = -10 V
2. I
D = -5.75 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D
= -250 μA
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Similar Part No. - FQPF12P20YDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF12P20 FAIRCHILD-FQPF12P20 Datasheet
631Kb / 8P
   200V P-Channel MOSFET
More results

Similar Description - FQPF12P20YDTU

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
logo
Fairchild Semiconductor
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
   200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
   200V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com