Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4800AUN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN4800AUN
Description  PFC/ PWM Controller Combination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800AUN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN4800AUN Datasheet HTML 1Page - Fairchild Semiconductor FAN4800AUN Datasheet HTML 2Page - Fairchild Semiconductor FAN4800AUN Datasheet HTML 3Page - Fairchild Semiconductor FAN4800AUN Datasheet HTML 4Page - Fairchild Semiconductor FAN4800AUN Datasheet HTML 5Page - Fairchild Semiconductor FAN4800AUN Datasheet HTML 6Page - Fairchild Semiconductor FAN4800AUN Datasheet HTML 7Page - Fairchild Semiconductor FAN4800AUN Datasheet HTML 8Page - Fairchild Semiconductor FAN4800AUN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800AU/CU • Rev. 1.0.0
3
Application Diagrams
AC
IEA
ILIMIT
FBPWM
SS
ISENSE
IAC
GND
OPFC
VDD
FBPFC
VEA
VDD
OPWM
LBoost
CBulk
DBoost
RSENSE
RFilter
12V
5V
FBPWM
RFB1
RD
CFB
1nF
FBPWM
CFilter
CVIN
10Ω
10KΩ
Q1
RFBPFC1
RFBPFC2
RFBPFC3
CFBPFC
10Ω
10KΩ
10KΩ
Q2
Q3
DF1
DF2
RIEA
CIEA1
CIEA2
RVEA
CVEA1
CVEA2
CSS
RILIMIT
RFilter
CFilter
CVDD
Lm
RFB2
RFB3
10Ω
VREF
47nF
VRMS
RT/CT
RAMP
RFB4
3MΩ
3MΩ
1MΩ
1MΩ
200KΩ
36KΩ
220nF
RFBPWM
RRAMP
CRAMP
RT
CT
12V
5V
Figure 2.
Current Mode
AC
IEA
ILIMIT
FBPWM
SS
ISENSE
IAC
GND
OPFC
VDD
FBPFC
VEA
VDD
OPWM
LBoost
CBulk
DBoost
RSENSE
RFilter
12V
5V
FBPWM
RFB1
RD
CFB
1nF
FBPWM
CFilter
CVin
10Ω
10KΩ
Q1
RFBPFC1
RFBPFC2
RFBPFC3
CFBPFC
10Ω
10KΩ
10KΩ
Q2
Q3
DF1
DF2
RIEA
CIEA1
CIEA2
RVEA
CVEA1
CVEA2
CSS
RILIMIT
RFilter
CFilter
CVDD
Lm
RFB2
RFB3
10Ω
VREF
47nF
VRMS
RT/CT
RAMP
RFB4
3MΩ
3MΩ
1MΩ
1MΩ
200KΩ
36KΩ
220nF
RFBPWM
RRAMP
CRAMP
RT
CT
12V
5V
Figure 3.
Voltage Mode


Similar Part No. - FAN4800AUN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
More results

Similar Description - FAN4800AUN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com