Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5122 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5122
Description  Wide Input Synchronous Boost Controller with Multiple Phase Capability
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5122 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5122 Datasheet HTML 4Page - Texas Instruments LM5122 Datasheet HTML 5Page - Texas Instruments LM5122 Datasheet HTML 6Page - Texas Instruments LM5122 Datasheet HTML 7Page - Texas Instruments LM5122 Datasheet HTML 8Page - Texas Instruments LM5122 Datasheet HTML 9Page - Texas Instruments LM5122 Datasheet HTML 10Page - Texas Instruments LM5122 Datasheet HTML 11Page - Texas Instruments LM5122 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
70
75
80
4
5
6
7
8
9
10
11
12
V
VIN [V]
C001
V
VIN=VCSP
60
65
70
75
80
85
90
-50
-25
0
25
50
75
100
125
150
Temperature [
ƒC]
C001
0.0
5.0
10.0
15.0
4
9
14
19
V
SW [V]
C001
I
BST = -70uA
100
120
140
160
180
200
220
240
260
280
300
-50
-25
0
25
50
75
100
125
150
Temperature [
ƒC]
C001
V
VIN=VSW=9V
0
5
10
15
-50
-25
0
25
50
75
100
125
150
Temperature [
ƒC]
C001
I
CSP
I
CSN
-45
0
45
90
135
180
-10
0
10
20
30
40
1000
10000
100000
1000000
10000000
FREQUENCY [Hz]
C002
PHASE
GAIN
A
CL=101, COMP unload
0
2
4
6
8
0
10
20
30
40
50
60
70
80
I
VCC [mA]
C001
No load
0
2
4
6
8
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V
VIN [V]
C001
No load
LM5122/LM5122-Q1
SNVS954C – APRIL 2013 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 7. VVCC vs IVCC
Figure 8. VVCC vs VVIN
Figure 9. Error Amp Gain and Phase vs Frequency
Figure 10. ICSP, ICSN vs Temperature
Figure 11. VBST-SW vs VSW
Figure 12. IBST vs Temperature
Figure 13. VCS-TH1 vs VVIN
Figure 14. VCS-TH1 vs Temperature
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM5122/LM5122-Q1


Similar Part No. - LM5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122 TI1-LM5122 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122 TI1-LM5122 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122-Q1 TI1-LM5122-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122MH/NOPB TI1-LM5122MH/NOPB Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122MH/NOPB TI1-LM5122MH/NOPB Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
More results

Similar Description - LM5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI-LM5122_15 Datasheet
2Mb / 49P
[Old version datasheet]   LM5122/-Q1 Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM25122-Q1 TI1-LM25122-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com