Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN-41-N-HID Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RN-41-N-HID
Description  RN-41/RN-41-N Class 1 Bluetooth Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN-41-N-HID Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RN-41-N-HID Datasheet HTML 1Page - List of Unclassifed Manufacturers RN-41-N-HID Datasheet HTML 2Page - List of Unclassifed Manufacturers RN-41-N-HID Datasheet HTML 3Page - List of Unclassifed Manufacturers RN-41-N-HID Datasheet HTML 4Page - List of Unclassifed Manufacturers RN-41-N-HID Datasheet HTML 5Page - List of Unclassifed Manufacturers RN-41-N-HID Datasheet HTML 6Page - List of Unclassifed Manufacturers RN-41-N-HID Datasheet HTML 7Page - List of Unclassifed Manufacturers RN-41-N-HID Datasheet HTML 8Page - List of Unclassifed Manufacturers RN-41-N-HID Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 
www.rovingnetworks.com
Version 3.3r 4/9/2012
5
RN -41 -DS
Pin
Name
Description
Default
17
USB_D+
USB port
1.5 K pullup activated when USB
port is ready (~500 ms after reset)
18
USB_D-
USB port
19
GPIO2
Status, high when connected, low otherwise
Output from RN-41
20
GPIO3
Auto discovery = high
Input to RN-41 with weak pulldown
21
GPIO5
Status, toggles based on state, low on connect
Output from RN-41
22
GPIO4
Set factory defaults
Input to RN-41 with weak pulldown
23
SPI_CSB
Programming only
No connect
24
SPI_MISO
Programming only
No connect
25 - 27
NC
RF pad, keep all traces and planes clear
28 - 29
GND
Ground
30
AIO0
Optional analog input
Not used
31
GPIO8
Status (RF data RX/TX)
Output from RN-41
32
GPIO9
I/O
Input to RN-41 with weak pulldown
33
GPIO10
I/O (remote DTR signal)
Input to RN-41 with weak pulldown
34
GPIO11
I/O (remote RTS signal)
Input to RN-41 with weak pulldown
35
AIO1
Optional analog input
Not Used
Figure 3 shows the module’s physical dimensions.
Figure 3. RN-41/RN-41-N Physical Dimensions
 
RN-41
RN-41-N


Similar Part No. - RN-41-N-HID

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN-41-EK ETC2-RN-41-EK Datasheet
1Mb / 18P
   RN-41-EK & RN-42-EK Evaluation Kit User?셲 Guide
More results

Similar Description - RN-41-N-HID

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WRL-12579 SPARKFUN-WRL-12579 Datasheet
113Kb / 2P
   SparkFun Bluetooth Module Breakout - Roving Networks (RN-41 v6.15)
11/17/2015
logo
List of Unclassifed Man...
RN-42-DS ETC2-RN-42-DS Datasheet
765Kb / 12P
   RN-42/RN-42-N Class 2 Bluetooth Module
RN-4142-EK-UG ETC2-RN-4142-EK-UG Datasheet
1Mb / 18P
   RN-41-EK & RN-42-EK Evaluation Kit User?셲 Guide
RN131C ETC2-RN131C Datasheet
863Kb / 18P
   RN-131G & RN-131C 802.11 b/g Wireless LAN Module
logo
EPCOS
B57238S0259L002 EPCOS-B57238S0259L002 Datasheet
64Kb / 3P
   Insulation Voltage 1000 VDC for 1 s, RN/RN = 15 %
logo
List of Unclassifed Man...
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
   RN-131G RN-131C 802.11 b/g Wireless LAN Module
logo
Tak Cheong Electronics ...
ZM4728A TAK_CHEONG-ZM4728A Datasheet
566Kb / 4P
   1 Watt LL-41 Hermetically 1 Watt LL-41 Hermetically Regulators
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
BT-STA2416C1 STMICROELECTRONICS-BT-STA2416C1 Datasheet
384Kb / 13P
   Bluetooth class 1 module
SPBT2563C1 STMICROELECTRONICS-SPBT2563C1 Datasheet
321Kb / 13P
   Bluetooth??class 1 module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com