Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1061LC5 Datasheet(PDF) 12 Page - Hittite Microwave Corporation

Part # HMC1061LC5
Description  DC - 18 GHz, ULTRA-WIDEBAND, DUAL RANK 4 GS/s TRACK-AND-HOLD AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1061LC5 Datasheet(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMC1061LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC1061LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC1061LC5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC1061LC5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC1061LC5 Datasheet HTML 10Page - Hittite Microwave Corporation HMC1061LC5 Datasheet HTML 11Page - Hittite Microwave Corporation HMC1061LC5 Datasheet HTML 12Page - Hittite Microwave Corporation HMC1061LC5 Datasheet HTML 13Page - Hittite Microwave Corporation HMC1061LC5 Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
7
7 - 12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC1061LC5
v01.0613
DC - 18 GHz, ULTRA-WIDEBAND, DUAL RANK
4 GS/s TRACK-AND-HOLD AMPLIFIER
Pin Descriptions (continued)
Pin Number
Function
Description
Interface Schematic
20, 21
OUTp, OUTn
Differential output (positive and negative)
DC-coupled, ground refernced output with nominal
common mode level = 0 V
Output impedance = 50 ohms
Intended to be DC or AC coupled to 50 ohm load
impedance
24, 26, 28,
30, 32,
Package
Base
Vee
Vee supply
Nominal voltage = -4.75 V (Vee+VeeCLK1+VeeCLK2),
current = -357 mA nominal
23
VccOB
Vcc supply for the 50 ohm output buffer
Nominal voltage = +2 V, current = 74 mA nominal
Can be biased with +1 <Vcc_ob <+3 V to adjust the output
common mode voltage to an exact desired value between
-0.5 and 0.5 V. Output common mode voltage adjustment
has a sensitivity of apporximately Vocm (V) ~ 0.5 (Vcc_ob
- 2)
25,
29
VccOF2
VccOF1
Vcc supplies for front end of the output buffer circuitry
VccOF2 is for the output of the IC, while VccOF1 is for the
interstage buffer between the 1st and 2nd rank T/Hs
Nominal voltage = +2 V (VccOF1+VccOF2), current =
47 mA nominal
27,
31
VccTH2
VccTH1
VccTH2 supply for 2nd rank T/H core circuitry and VccTH1
is the supply fo the 1st rank T/H
Nominal voltage = + 2 V (VccTH1+VccTH2), current =
140 mA nominal


Similar Part No. - HMC1061LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1060LP3E HITTITE-HMC1060LP3E Datasheet
1Mb / 16P
   QUAD LOW NOISE HIGH PSRR
logo
Analog Devices
HMC1060LP3E AD-HMC1060LP3E Datasheet
1Mb / 16P
   QUAD LOW NOISE HIGH PSRR
logo
Hittite Microwave Corpo...
HMC1063LP3E HITTITE-HMC1063LP3E Datasheet
791Kb / 14P
   Satellite Communications
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
   Satellite Communications
logo
Analog Devices
HMC1065LP4E AD-HMC1065LP4E Datasheet
1,019Kb / 16P
   Satellite Communications
More results

Similar Description - HMC1061LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
   ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
HMC760LC4B HITTITE-HMC760LC4B Datasheet
1Mb / 14P
   WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
logo
List of Unclassifed Man...
RTH010 ETC1-RTH010 Datasheet
712Kb / 11P
   9GHz Bandwidth 1GS/s Dual Track-and-Hold
logo
Analog Devices
AD389 AD-AD389_15 Datasheet
3Mb / 6P
   HIGH RESOLUTION TRACK AND HOLD AMPLIFIER
AD389 AD-AD389 Datasheet
2Mb / 6P
   HIGH RESOLUTION TRACK-AND-HOLD AMPLIFIER
logo
Burr-Brown (TI)
SHC605 BURR-BROWN-SHC605 Datasheet
200Kb / 15P
   High-Speed Operational TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
HTS-0010 AD-HTS-0010_15 Datasheet
744Kb / 6P
   Ultra High Speed Hybrid Track and Hold Ampligiers
HTS-0025 AD-HTS-0025 Datasheet
1Mb / 6P
   Ultra High Speed Hybird Track-and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com