Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125DF410 Datasheet(PDF) 6 Page - Texas Instruments

Part # DS125DF410
Description  DS125DF410 Low Power Multi-Rate Quad Channel Retimer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS125DF410 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS125DF410_13 Datasheet HTML 2Page - Texas Instruments DS125DF410_13 Datasheet HTML 3Page - Texas Instruments DS125DF410_13 Datasheet HTML 4Page - Texas Instruments DS125DF410_13 Datasheet HTML 5Page - Texas Instruments DS125DF410_13 Datasheet HTML 6Page - Texas Instruments DS125DF410_13 Datasheet HTML 7Page - Texas Instruments DS125DF410_13 Datasheet HTML 8Page - Texas Instruments DS125DF410_13 Datasheet HTML 9Page - Texas Instruments DS125DF410_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
DS125DF410
SNLS398E – JANUARY 2012 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating supply and temperature ranges with default register settings unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER
PD
Power Supply Consumption
Average Power Consumption (DFE
720
mW
Powered-Up and Enabled)(2)
Max Transient Power Supply
500
610
mA
Current(3)
NTPS
Supply Noise Tolerance(4)
50 Hz to 100 Hz
100
mVP-P
100 Hz to 10 MHz
40
mVP-P
10 MHz to 5.0 GHz
10
mVP-P
2.5V LVCMOS DC SPECIFICATIONS
VIH
High Level Input Voltage
1.75
VDD
V
VIL
Low Level Input Voltage
GND
0.7
V
VOH
High Level Output Voltage
IOH = -3mA
2.0
V
VOL
Low Level Output Voltage
IOL = 3mA
0.4
V
IIN
Input Leakage Current
VIN = VDD
+10
μA
VIN = GND
-10
μA
IIH
Input High Current (EN_SMB pin)
VIN = VDD
+55
μA
IIL
Input Low Current (EN_SMB pin)
VIN = GND
-110
μA
3.3 V LVCMOS DC SPECIFICATIONS (SDA, SDC, INT)
VIH
High Level Input Voltage
VDD = 2.5 V
1.75
3.6
V
VIL
Low Level Input Voltage
VDD = 2.5 V
GND
0.7
V
VOL
Low Level Output Voltage
IPULLUP = 3mA
0.4
V
IIH
Input High Current
VIN = 3.6 V, VDD = 2.5V
+20
+40
μA
IIL
Input Low Current
VIN = GND, VDD = 2.5V
-10
+10
μA
fSDC
SMBus clock rate
100
400
KHz
DATA BIT RATES
RB
Bit Rate Range
9.8
12.5
Gbps
SIGNAL DETECT
SDH
Signal Detect ON Threshold Level
Default input signal level to assert
70
mVp-p
signal detect, 10.3125 Gbps, PRBS-
31
SDL
Signal Detect OFF Threshold Level
Default input signal level to de-assert
10
mVp-p
signal detect, 10.3125 Gbps, PRBS-
31
(1)
Typical values represent most likely parametric norms at VDD = 2.5V, TA = 25°C., and at the Recommended Operation Conditions at the
time of product characterization.
(2)
VDD= 2.5V, TA = 25°C. All four channels active and locked. DFE is powered-up and enabled.
(3)
Max momentary power supply current lasting less than 1s. The retimer may consume more power than the maximum average power
rating during the time required to acquire CDR lock.
(4)
Allowed supply noise (mVP-P sine wave) under typical conditions.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS125DF410


Similar Part No. - DS125DF410_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results

Similar Description - DS125DF410_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110RT410 TI-DS110RT410 Datasheet
882Kb / 40P
[Old version datasheet]   DS110RT410 Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI-DS125RT410 Datasheet
884Kb / 42P
[Old version datasheet]   DS125RT410 Low Power Multi-Rate Quad Channel Retimer
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com