Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCGH9RN Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LCGH9RN
Description  OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCGH9RN Datasheet(HTML) 5 Page - OSRAM GmbH

  LCGH9RN Datasheet HTML 1Page - OSRAM GmbH LCGH9RN Datasheet HTML 2Page - OSRAM GmbH LCGH9RN Datasheet HTML 3Page - OSRAM GmbH LCGH9RN Datasheet HTML 4Page - OSRAM GmbH LCGH9RN Datasheet HTML 5Page - OSRAM GmbH LCGH9RN Datasheet HTML 6Page - OSRAM GmbH LCGH9RN Datasheet HTML 7Page - OSRAM GmbH LCGH9RN Datasheet HTML 8Page - OSRAM GmbH LCGH9RN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.0
LCG H9RN
2012-05-10
5
Brightness Groups
Helligkeits-Gruppierungsschema
Group
Luminous Flux
1) page
22
Luminous Flux
1) page
22
Luminous Intensity
4)
page 22
Gruppe
Lichtstrom
1) Seite 22
Lichtstrom
1) Seite 22
Lichtstärke
4) Seite 22
(min.)
Φ
V [lm]
(max.)
Φ
V [lm]
(typ.) I
V [cd]
MX
180
210
65
MY
210
240
75
MZ
240
280
85
NX
280
330
100
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness
groups of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die
aus nur wenigen Helligkeitsgruppen bestehen. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Chromaticity coordinate groups 2) page 22
Farbortgruppen 2) Seite 22
within
λ = 500 ... 600 nm
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
Cx
Cy
0,630
0,640
0,650
0,310
0,320
0,330
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)


Similar Part No. - LCGH9RN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCGH9RN-MYNY-1 OSRAM-LCGH9RN-MYNY-1 Datasheet
869Kb / 22P
   OSRAM OSTAR Projection Cube is a high flux LED for slim designs.
More results

Similar Description - LCGH9RN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCG_H9RM OSRAM-LCG_H9RM Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
LCGH9RN-MYNY-1 OSRAM-LCGH9RN-MYNY-1 Datasheet
869Kb / 22P
   OSRAM OSTAR Projection Cube is a high flux LED for slim designs.
LCGH9RM-LXLZ-1 OSRAM-LCGH9RM-LXLZ-1 Datasheet
863Kb / 22P
   OSRAM OSTAR Projection Cube is a high flux LED for slim designs.
LCGH9RM OSRAM-LCGH9RM Datasheet
863Kb / 22P
   OSRAM OSTAR Projection Cube
logo
ams AG
LEBP1MR AMSCO-LEBP1MR Datasheet
3Mb / 21P
   OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.1 2022-08-17
LEAP2W AMSCO-LEAP2W Datasheet
2Mb / 21P
   OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
Version 1.12 2020-11-05
logo
OSRAM GmbH
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube Datasheet Version 1.0
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
   OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
   OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com