Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS110RT410 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS110RT410
Description  DS110RT410 Low Power Multi-Rate Quad Channel Retimer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS110RT410 Datasheet(HTML) 1 Page - Texas Instruments

  DS110RT410 Datasheet HTML 1Page - Texas Instruments DS110RT410 Datasheet HTML 2Page - Texas Instruments DS110RT410 Datasheet HTML 3Page - Texas Instruments DS110RT410 Datasheet HTML 4Page - Texas Instruments DS110RT410 Datasheet HTML 5Page - Texas Instruments DS110RT410 Datasheet HTML 6Page - Texas Instruments DS110RT410 Datasheet HTML 7Page - Texas Instruments DS110RT410 Datasheet HTML 8Page - Texas Instruments DS110RT410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DS110RT410
www.ti.com
SNLS460 – MAY 2013
DS110RT410 Low Power Multi-Rate Quad Channel Retimer
Check for Samples: DS110RT410
1
FEATURES
APPLICATIONS
Each channel independently locks to data
Front port SFF 8431 (SFP+) optical and direct
rates from 8.5 to 11.3 Gbps and submultiples
attach copper
Support for subrates of divide by 2/4/8
Backplane reach extension, data retimer
Fast lock operation based on protocol-select
Ethernet: 10GbE, 1GbE
mode
Fibre-Channel, InfiniBand
Low latency (~300ps)
Other Propriety Data Rates up to 11.3 Gbps
Adaptive equalization up to 34 dB boost at 5
GHz
DESCRIPTION
The DS110RT410 is four channel retimer with
Adjustable transmit VOD : 600 to 1300 mVp-p
integrated signal conditioning. The device includes a
Adjustable transmit de-emphasis to -12 dB
fully
adaptive
Continuous-Time
Linear
Equalizer
Typical Power Dissipation (EQ+CDR+DE): 150
(CTLE), Clock and Data Recovery (CDR), and
mW / channel
transmit De-Emphasis (DE) driver to enable data
transmission over long, lossy and crosstalk-impaired
Programmable output polarity inversion
highspeed serial links to achieve BER < 1×10-15. For
Input signal detection, CDR lock
channels
with
high
amount
of
crosstalk,
the
detection/indicator
DS110DF410
should
be
used
which
has
self
On-chip Eye Monitor (EOM), PRBS generator
calibrating 5-tap DFE.
Single 2.5 V ±5% power supply
Each channel can independently lock to data rates
SMBus/EEPROM configuration modes
from 8.5 to 11.3 Gbps, and associated sub rates (div
by 2, 4 and 8) to support a variety of communication
Operating temperature range of -40 to 85°C
protocols. A 25 MHz crystal oscillator clock is used to
RHS (QFN) 48-pin 7 mm x 7 mm package
speed up the CDR lock process. This clock is not
Easy pin compatible upgrade between
used for training the PLL and does not need to be
repeater and retimers
synchronous with the serial data.
DS100RT410 (EQ+CDR+DE): 10.3125 Gbps
The programmable settings can be applied using the
DS100DF410 (EQ+DFE+CDR+DE): 10.3125
SMBus (I2C) interface, or they can be loaded via an
external EEPROM. An on-chip eye monitor and a
Gbps
PRBS generator allow real-time measurement of
DS110RT410 (EQ+CDR+DE): 8.5 - 11.3 Gbps
high-speed serial data for system bring-up or field
DS110DF410 (EQ+DFE+CDR+DE): 8.5 - 11.3
tuning.
Gbps
The device is offered in a RHS (QFN) 48-pin, 7 mm x
DS125RT410 (EQ+CDR+DE): 9.8 - 12.5 Gbps
7 mm package. A flow-through pinout for the high
DS125DF410 (EQ+DFE+CDR+DE): 9.8 - 12.5
speed signals and a single power supply makes the
Gbps
DS110RT410 easy to use.
DS100BR410 (EQ+DE): Up to 10.3125 Gbps
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS110RT410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS110RT410 TI1-DS110RT410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410SQ TI1-DS110RT410SQ Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110RT410SQ/NOPB TI1-DS110RT410SQ/NOPB Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410SQE TI1-DS110RT410SQE Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110RT410SQE/NOPB TI1-DS110RT410SQE/NOPB Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results

Similar Description - DS110RT410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS125RT410 TI-DS125RT410 Datasheet
884Kb / 42P
[Old version datasheet]   DS125RT410 Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI-DS125DF410_13 Datasheet
905Kb / 44P
[Old version datasheet]   DS125DF410 Low Power Multi-Rate Quad Channel Retimer
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com