Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS110RT410 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS110RT410
Description  DS110RT410 Low Power Multi-Rate Quad Channel Retimer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS110RT410 Datasheet(HTML) 4 Page - Texas Instruments

  DS110RT410 Datasheet HTML 1Page - Texas Instruments DS110RT410 Datasheet HTML 2Page - Texas Instruments DS110RT410 Datasheet HTML 3Page - Texas Instruments DS110RT410 Datasheet HTML 4Page - Texas Instruments DS110RT410 Datasheet HTML 5Page - Texas Instruments DS110RT410 Datasheet HTML 6Page - Texas Instruments DS110RT410 Datasheet HTML 7Page - Texas Instruments DS110RT410 Datasheet HTML 8Page - Texas Instruments DS110RT410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
DS110RT410
SNLS460 – MAY 2013
www.ti.com
Pin Functions
Pin Descriptions
Pin Name
Pin #
I/O, Type
Description
HIGH-SPEED DIFFERENTIAL I/O
RXP0
1
I, CML
Inverting and non-inverting CML-compatible differential inputs to the equalizer.
RXN0
2
Nominal differential input impedance = 100
Ω.
RXP1
4
I, CML
Inverting and non-inverting CML-compatible differential inputs to the equalizer.
RXN1
5
Nominal differential input impedance = 100
Ω.
RXP2
8
I, CML
Inverting and non-inverting CML-compatible differential inputs to the equalizer.
RXN2
9
Nominal differential input impedance = 100
Ω.
RXP3
11
I, CML
Inverting and non-inverting CML-compatible differential inputs to the equalizer.
RXN3
12
Nominal differential input impedance = 100
Ω.
TXP0
36
O, CML
Inverting and non-inverting CML-compatible differential outputs from the driver.
TXN0
35
Nominal differential output impedance = 100
Ω.
TXP1
33
O, CML
Inverting and non-inverting CML-compatible differential outputs from the driver.
TXN1
32
Nominal differential output impedance = 100
Ω.
TXP2
29
O, CML
Inverting and non-inverting CML-compatible differential outputs from the driver.
TXN2
28
Nominal differential output impedance = 100
Ω.
TXP3
26
O, CML
Inverting and non-inverting CML-compatible differential outputs from the driver.
TXN3
25
Nominal differential output impedance = 100
Ω.
LOOP FILTER CONNECTION PINS
LPF_CP_0
47
I/O, analog
Loop filter connection
LPF_REF_0
48
Place a 22 nF ± 10% Capacitor between LPF_CP_0 and LPF_REF_0
LPF_CP_1
38
I/O, analog
Loop filter connection
LPF_REF_1
37
Place a 22 nF ± 10% Capacitor between LPF_CP_1 and LPF_REF_1
LPF_CP_2
23
I/O, analog
Loop filter connection
LPF_REF_2
24
Place a 22 nF ± 10% Capacitor between LPF_CP_2 and LPF_REF_2
LPF_CP_3
14
I/O, analog
Loop filter connection
LPF_REF_3
13
Place a 22 nF ± 10% Capacitor between LPF_CP_3 and LPF_REF_3
REFERENCE CLOCK I/O
REFCLK_IN
19
I, 2.5V analog
Input is 2.5 V, 25 MHz ± 100 ppm reference clock from external oscillator
No stringent phase noise requirement
REFCLK_OUT
42
O, 2.5V analog
Output is 2.5 V, buffered replica of reference clock input for connecting multiple
DS110RT410s on a board
LOCK INDICATOR PINS
LOCK_0
45
O, 2.5V
Output is 2.5 V, the pin is high when CDR lock is attained on the corresponding
LOCK_1
40
LVCMOS
channel.
LOCK_2
21
Note that these pins are shared with SMBus address strap input functions read
LOCK_3
16
at startup.
SMBus MASTER MODE PINS
ALL_DONE
41
O, 2.5V
Output is 2.5 V, the pin goes low to indicate that the SMBus master EEPROM
LVCMOS
read has been completed.
READ_EN
44
I, 2.5V
Input is 2.5 V, a transition from high to low starts the load from the external
LVCMOS
EEPROM.
The READ_EN pin must be tied low when in SMBus slave mode.
INTERRUPT OUTPUT
INT
43
O, 3.3V Open
Used to signal horizontal or vertical eye opening out of tolerance, loss of signal
Drain
detect, or CDR unlock
External 2K
Ω to 5KΩ pull-up resistor is required.
Pin is 3.3 V LVCMOS tolerant.
SERIAL MANAGEMENT BUS (SMBus) INTERFACE
EN_SMB
20
I, 2.5V analog
Input is 2.5 V, selects SMBus master mode or SMBus slave mode.
EN_SMB = High for slave mode
EN_SMB = Float for master mode
Tie READ_EN pin low for SMBus slave mode. See Table 3
SDA
18
I/O, 3.3V
Data Input / Open Drain Output
LVCMOS, Open External 2K
Ω to 5KΩ pull-up resistor is required.
Drain
Pin is 3.3 V LVCMOS tolerant.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DS110RT410


Similar Part No. - DS110RT410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS110RT410 TI1-DS110RT410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410SQ TI1-DS110RT410SQ Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110RT410SQ/NOPB TI1-DS110RT410SQ/NOPB Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410SQE TI1-DS110RT410SQE Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110RT410SQE/NOPB TI1-DS110RT410SQE/NOPB Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results

Similar Description - DS110RT410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS125RT410 TI-DS125RT410 Datasheet
884Kb / 42P
[Old version datasheet]   DS125RT410 Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI-DS125DF410_13 Datasheet
905Kb / 44P
[Old version datasheet]   DS125DF410 Low Power Multi-Rate Quad Channel Retimer
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com