Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV201AYMBRB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201AYMBRB
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV201AYMBRB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV201AYMBRB Datasheet HTML 2Page - Texas Instruments DRV201AYMBRB Datasheet HTML 3Page - Texas Instruments DRV201AYMBRB Datasheet HTML 4Page - Texas Instruments DRV201AYMBRB Datasheet HTML 5Page - Texas Instruments DRV201AYMBRB Datasheet HTML 6Page - Texas Instruments DRV201AYMBRB Datasheet HTML 7Page - Texas Instruments DRV201AYMBRB Datasheet HTML 8Page - Texas Instruments DRV201AYMBRB Datasheet HTML 9Page - Texas Instruments DRV201AYMBRB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
VCM
DRV201A
VBAT
SCL
SDA
GND
ISOURCE
ISINK
To /From a
controller
Cin
V
in
DRV201A
SLVSBN6 – JUNE 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
List of components:
Cin - Panasonic ECJ0EB1A105M
VCM - Mitsumi VCM KAF-V85S60
Actuator size: 8.5 x 8.5 x 3.4 (mm)
Lens in the VCM: M6 (Pitch: 0.35)
Weight: 75 mg
TTL: 4.2 mm
FB: 1.1 mm
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV201A


Similar Part No. - DRV201AYMBRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201 TI1-DRV201 Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
DRV201YFMR TI1-DRV201YFMR Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201YFMR TI1-DRV201YFMR Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
DRV201YFMT TI1-DRV201YFMT Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results

Similar Description - DRV201AYMBRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201 TI1-DRV201_15 Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com