Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4069UBNSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD4069UBNSR
Description  CMOS Hex Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4069UBNSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD4069UBNSR Datasheet HTML 4Page - Texas Instruments CD4069UBNSR Datasheet HTML 5Page - Texas Instruments CD4069UBNSR Datasheet HTML 6Page - Texas Instruments CD4069UBNSR Datasheet HTML 7Page - Texas Instruments CD4069UBNSR Datasheet HTML 8Page - Texas Instruments CD4069UBNSR Datasheet HTML 9Page - Texas Instruments CD4069UBNSR Datasheet HTML 10Page - Texas Instruments CD4069UBNSR Datasheet HTML 11Page - Texas Instruments CD4069UBNSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CD4069UBM96
SOIC
D
14
2500
367.0
367.0
38.0
CD4069UBMT
SOIC
D
14
250
367.0
367.0
38.0
CD4069UBNSR
SO
NS
14
2000
367.0
367.0
38.0
CD4069UBPWR
TSSOP
PW
14
2000
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Aug-2012
Pack Materials-Page 2


Similar Part No. - CD4069UBNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UBNSR TI1-CD4069UBNSR Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Hex Inverter
CD4069UBNSRG4 TI1-CD4069UBNSRG4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Hex Inverter
More results

Similar Description - CD4069UBNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UB TI1-CD4069UB_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Hex Inverter
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Intersil Corporation
CD4069UBMS INTERSIL-CD4069UBMS Datasheet
94Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
   3.3V CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com