Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC007BM Datasheet(PDF) 3 Page - Texas Instruments

Part # CLC007BM
Description  CLC007 Serial Digital Cable Driver with Dual Complementary Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CLC007BM Datasheet(HTML) 3 Page - Texas Instruments

  CLC007BM Datasheet HTML 1Page - Texas Instruments CLC007BM Datasheet HTML 2Page - Texas Instruments CLC007BM Datasheet HTML 3Page - Texas Instruments CLC007BM Datasheet HTML 4Page - Texas Instruments CLC007BM Datasheet HTML 5Page - Texas Instruments CLC007BM Datasheet HTML 6Page - Texas Instruments CLC007BM Datasheet HTML 7Page - Texas Instruments CLC007BM Datasheet HTML 8Page - Texas Instruments CLC007BM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CLC007
www.ti.com
SNLS016E – JULY 1998 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
(VCC = 0V, VEE = −5V; unless otherwise specified).
Min/Max
Min/Max
Min/Max
Parameter
Conditions
Typ +25°C
0°C
−40°C to
Units
+25°C
to+70°C
+85°C
STATIC PERFORMANCE
Supply Current, Loaded
See (1)
39
mA
Supply Current, Unloaded
See (2)
34
28/45
26/47
26/47
mA
Output HIGH Voltage (VOH)
See (2)
−1.7
−2.0/1.4
−2.0/1.4
−2.0/1.4
V
Output Low Voltage (VOL)
See (2)
−3.3
−3.6/3.0
−3.6/3.0
−3.6/3.0
V
Input Bias Current
10
30
50
50
μA
Output Swing
See (2)
1.65
1.55/1.75
1.53/1.77
1.51/1.79
V
Common Mode Input Range Upper Limit
−0.7
−0.8
−0.8
−0.8
V
Common Mode Input Range Lower Limit
−2.6
−2.5
−2.5
−2.5
V
Minimum Differential Input Swing
200
200
200
200
mV
Power Supply Rejection Ratio (2)
26
20
20
20
dB
AC PERFORMANCE
Output Rise and Fall Time
See (1)(2)(3)
650
425/955
400/1100
400/1100
ps
Overshoot
5
%
Propagation Delay
1.0
ns
Duty Cycle Distortion
50
ps
Residual Jitter
25
pspp
MISCELLANEOUS PERFORMANCE
Input Capacitance
1.0
pF
Output Resistance
10
Output Inductance
6
nH
(1)
Measured with both outputs driving 150
Ω, AC coupled at 270 Mbps.
(2)
Spec is 100% tested at +25°C
(3)
Measured between the 20% and 80% levels of the waveform.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CLC007


Similar Part No. - CLC007BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
   Serial Digital Cable Driver with Dual Complementary Outputs
CLC007 NSC-CLC007 Datasheet
269Kb / 10P
   Serial Digital Cable Driver with Dual Complementary
CLC007AJE NSC-CLC007AJE Datasheet
136Kb / 10P
   Serial Digital Cable Driver with Dual Complementary Outputs
CLC007 NSC-CLC007_07 Datasheet
269Kb / 10P
   Serial Digital Cable Driver with Dual Complementary
More results

Similar Description - CLC007BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
   Serial Digital Cable Driver with Dual Complementary Outputs
CLC007 NSC-CLC007_07 Datasheet
269Kb / 10P
   Serial Digital Cable Driver with Dual Complementary
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
[Old version datasheet]   CLC006 Serial Digital Cable Driver with Adjustable Outputs
logo
M/A-COM Technology Solu...
M08048 MA-COM-M08048 Datasheet
384Kb / 2P
   3G/HD/SD Serial Digital Video Cable Driver With Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com