Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031ATM-NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part No. DS90LV031ATM-NOPB
Description  DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV031ATM-NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90LV031ATM-NOPB Datasheet HTML 7Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 8Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 9Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 10Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 11Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 12Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 13Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 14Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS90LV031A
www.ti.com
SNLS020C – JULY 1999 – REVISED APRIL 2013
Typical Performance Curves (continued)
Figure 10. Typical DS90LV031A, DOUT vs RL,
VCC = 3.3V, TA = 25°C
PIN DESCRIPTIONS
Pin No.
Name
Description
1, 7, 9, 15
DIN
Driver input pin, TTL/CMOS compatible
2, 6, 10, 14
DOUT+
Non-inverting driver output pin, LVDS levels
3, 5, 11, 13
DOUT−
Inverting driver output pin, LVDS levels
4
EN
Active high enable pin, OR-ed with EN*
12
EN*
Active low enable pin, OR-ed with EN
16
VCC
Power supply pin, +3.3V ± 0.3V
8
GND
Ground pin
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS90LV031A


Similar Part No. - DS90LV031ATM-NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031ATM NSC-DS90LV031ATM Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATMTC NSC-DS90LV031ATMTC Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031ATM-NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
National Semiconductor (TI)
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
STMicroelectronics
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
Texas Instruments
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz