Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031ATM-NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part No. DS90LV031ATM-NOPB
Description  DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV031ATM-NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV031ATM-NOPB Datasheet HTML 1Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 2Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 3Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 4Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 5Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 6Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 7Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 8Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DS90LV031A
www.ti.com
SNLS020C – JULY 1999 – REVISED APRIL 2013
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
Check for Samples: DS90LV031A
1
FEATURES
DESCRIPTION
The DS90LV031A is a quad CMOS differential line
23
>400 Mbps (200 MHz) switching rates
driver designed for applications requiring ultra low
0.1 ns typical differential skew
power dissipation and high data rates. The device is
0.4 ns maximum differential skew
designed to support data rates in excess of 400 Mbps
(200 MHz) utilizing Low Voltage Differential Signaling
2.0 ns maximum propagation delay
(LVDS) technology.
3.3V power supply design
The
DS90LV031A
accepts
low
voltage
±350 mV differential signaling
LVTTL/LVCMOS input levels and translates them to
Low power dissipation (13mW at 3.3V static)
low voltage (350 mV) differential output signals. In
Interoperable with existing 5V LVDS devices
addition the driver supports a TRI-STATE® function
that may be used to disable the output stage,
Compatible with IEEE 1596.3 SCI LVDS
disabling the load current, and thus dropping the
standard
device to an ultra low idle power state of 13 mW
Compatible with TIA/EIA-644 LVDS standard
typical.
Industrial operating temperature range
The EN and EN* inputs allow active Low or active
Available in SOIC and TSSOP surface mount
High control of the TRI-STATE outputs. The enables
packaging
are common to all four drivers. The DS90LV031A and
companion line receiver (DS90LV032A) provide a
new alternative to high power psuedo-ECL devices
for high speed point-to-point interface applications.
Connection Diagram
Figure 1. Dual-In-Line
See Package Number D (R-PDSO-G16) or
PW (R-PDSO-G16)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90LV031ATM-NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031ATM NSC-DS90LV031ATM Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATMTC NSC-DS90LV031ATMTC Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031ATM-NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
National Semiconductor (TI)
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
STMicroelectronics
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
Texas Instruments
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz