Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV031ATM-NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part No. DS90LV031ATM-NOPB
Description  DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV031ATM-NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS90LV031ATM-NOPB Datasheet HTML 1Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 2Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 3Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 4Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 5Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 6Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 7Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 8Page - Texas Instruments DS90LV031ATM-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS90LV031A
www.ti.com
SNLS020C – JULY 1999 – REVISED APRIL 2013
Switching Characteristics - Industrial
VCC = +3.3V ±10%, TA = −40°C to +85°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHLD
Differential Propagation Delay High to Low
RL = 100Ω, CL = 10 pF
0.8
1.18
2.0
ns
(Figure 3 and Figure 4)
tPLHD
Differential Propagation Delay Low to High
0.8
1.25
2.0
ns
tSKD1
Differential Pulse Skew |tPHLD − tPLHD|
(4)
0
0.07
0.4
ns
tSKD2
Channel-to-Channel Skew (5)
0
0.1
0.5
ns
tSKD3
Differential Part to Part Skew (6)
0
1.0
ns
tSKD4
Differential Part to Part Skew (7)
0
1.2
ns
tTLH
Rise Time
0.38
1.5
ns
tTHL
Fall Time
0.40
1.5
ns
tPHZ
Disable Time High to Z
RL = 100Ω, CL = 10 pF
5
ns
(Figure 5 and Figure 6)
tPLZ
Disable Time Low to Z
5
ns
tPZH
Enable Time Z to High
7
ns
tPZL
Enable Time Z to Low
7
ns
fMAX
Maximum Operating Frequency (8)
200
250
MHz
(1)
All typicals are given for: VCC = +3.3V, TA = +25°C.
(2)
Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50Ω, tr ≤ 1 ns, and tf ≤ 1 ns.
(3)
CL includes probe and jig capacitance.
(4)
tSKD1, |tPHLD − tPLHD| is the magnitude difference in differential propagation delay time between the positive going edge and the negative
going edge of the same channel.
(5)
tSKD2 is the Differential Channel-to-Channel Skew of any event on the same device.
(6)
tSKD3, Differential Part to Part Skew, is defined as the difference between the minimum and maximum specified differential propagation
delays. This specification applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
(7)
tSKD4, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
over recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min|
differential propagation delay.
(8)
fMAX generator input conditions: tr = tf < 1ns, (0% to 100%), 50% duty cycle, 0V to 3V. Output Criteria: duty cycle = 45%/55%, VOD >
250mV, all channels switching.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90LV031A


Similar Part No. - DS90LV031ATM-NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031ATM NSC-DS90LV031ATM Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATMTC NSC-DS90LV031ATMTC Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031ATM-NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
Texas Instruments
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
National Semiconductor (TI)
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
STMicroelectronics
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
Texas Instruments
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz