Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD95375Q4M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CSD95375Q4M
Description  Synchronous Buck NexFET??Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD95375Q4M Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD95375Q4M Datasheet HTML 6Page - Texas Instruments CSD95375Q4M Datasheet HTML 7Page - Texas Instruments CSD95375Q4M Datasheet HTML 8Page - Texas Instruments CSD95375Q4M Datasheet HTML 9Page - Texas Instruments CSD95375Q4M Datasheet HTML 10Page - Texas Instruments CSD95375Q4M Datasheet HTML 11Page - Texas Instruments CSD95375Q4M Datasheet HTML 12Page - Texas Instruments CSD95375Q4M Datasheet HTML 13Page - Texas Instruments CSD95375Q4M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
VO
Vin
PWM
VDD
VDD
SKIP#
PWM
GND
BST
DRVH
LL
DRVL
HSgate
Vsw
LSgate
VIN
VSW
PGND
A
Gate Drive
Current (IDD)
V
Gate Drive
Voltage (VDD)
V
Input Voltage
(VIN)
V
Averaged Switched
Node Voltage
(VSW_AVG)
A
Output Current
(IOUT)
Averaging
Circuit
Control
FET
Sync
FET
A
Input Current (IIN)
CSD95375Q4M
LO
Boot
Boot_R
CBoot
Cin
Co
SKIP#
CSD95375Q4M
SLPS430 – JUNE 2013
www.ti.com
APPLICATION INFORMATION
The Power Stage CSD95375Q4M is a highly optimized design for synchronous buck applications using NexFET
devices with a 5V gate drive. The Control FET and Sync FET silicon are parametrically tuned to yield the lowest
power loss and highest system efficiency. As a result, a rating method is used that is tailored towards a more
systems centric environment. The high-performance gate driver IC integrated in the package helps minimize the
parasitics and results in extremely fast switching of the power MOSFETs. System level performance curves such
as Power Loss, Safe Operating Area and normalized graphs allow engineers to predict the product performance
in the actual application.
Power Loss Curves
MOSFET centric parameters such as RDS(ON) and Qgd are primarily needed by engineers to estimate the loss
generated by the devices. In an effort to simplify the design process for engineers, Texas Instruments has
provided measured power loss performance curves. Figure 3 plots the power loss of the CSD95375Q4M as a
function of load current. This curve is measured by configuring and running the CSD95375Q4M as it would be in
the final application (see Figure 17). The measured power loss is the CSD95375Q4M device power loss which
consists of both input conversion loss and gate drive loss. Equation 1 is used to generate the power loss curve.
Power Loss = (VIN x IIN) + (VDD x IDD) – (VSW_AVG x IOUT)
(1)
The power loss curve in Figure 3 is measured at the maximum recommended junction temperature of
TJ = 125°C under isothermal test conditions.
Safe Operating Curves (SOA)
The SOA curves in the CSD95375Q4M datasheet give engineers guidance on the temperature boundaries within
an operating system by incorporating the thermal resistance and system power loss. Figure 5 and Figure 6
outline the temperature and airflow conditions required for a given load current. The area under the curve
dictates the safe operating area. All the curves are based on measurements made on a PCB design with
dimensions of 4.0" (W) x 3.5" (L) x 0.062" (T) and 6 copper layers of 1 oz. copper thickness.
Normalized Curves
The normalized curves in the CSD95375Q4M data sheet give engineers guidance on the Power Loss and SOA
adjustments based on their application specific needs. These curves show how the power loss and SOA
boundaries will adjust for a given set of systems conditions. The primary Y-axis is the normalized change in
power loss and the secondary Y-axis is the change is system temperature required in order to comply with the
SOA curve. The change in power loss is a multiplier for the Power Loss curve and the change in temperature is
subtracted from the SOA curve.
Figure 17. Power Loss Test Circuit
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - CSD95375Q4M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M_15 Datasheet
889Kb / 23P
[Old version datasheet]   CSD95375Q4M Synchronous Buck NexFET??Power Stage
More results

Similar Description - CSD95375Q4M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com