Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP00101R000JE14 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CP00101R000JE14
Description  Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CP00101R000JE14 Datasheet(HTML) 2 Page - Vishay Siliconix

  CP00101R000JE14 Datasheet HTML 1Page - Vishay Siliconix CP00101R000JE14 Datasheet HTML 2Page - Vishay Siliconix CP00101R000JE14 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CP High Volume
www.vishay.com
Vishay Dale
Revision: 14-Aug-12
2
Document Number: 30113
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
Notes
(1) Potting compound may extend outside of ceramic case up to 0.060 [1.52] maximum per side.
MATERIAL SPECIFICATIONS
Element: Wirewound = Copper-nickel alloy or nickel-
chrome alloy, depending on resistance value
Metal Oxide = High temperature fired metal oxide film
Core: Wirewound = Woven fiberglass
Metal Oxide = Ceramic
Body:
Steatite ceramic case with inorganic potting
compound
End Caps: Tin plated steel
Terminals: Tinned copper
Part Marking: DALE, model, wattage, value, tolerance, date
code
DERATING
GLOBAL MODEL
DIMENSIONS in inches [millimeters]
L (1)
± 0.060 [1.5]
W
± 0.040 [1.0]
H
± 0.040 [1.0]
H1
± 0.060 [1.5]
LD
± 0.002 [0.05]
LL
± 0.120 [3.0]
CP0002
0.71 [18]
0.276 [7]
0.276 [7]
-
0.0256 [0.65]
1.378 [35]
CP0003
0.87 [22]
0.315 [8]
0.315 [8]
-
0.031 [0.8]
1.378 [35]
CP0005
0.87 [22]
0.394 [10]
0.354 [9]
-
0.031 [0.8]
1.378 [35]
CP0005...3
0.87 [22]
0.394 [10]
0.354 [9]
0.413 [10.5]
0.031 [0.8]
1.378 [35]
CP0007
1.38 [35]
0.394 [10]
0.354 [9]
-
0.031 [0.8]
1.378 [35]
CP0007...3
1.38 [35]
0.394 [10]
0.354 [9]
0.472 [12]
0.031 [0.8]
1.378 [35]
CP0010
1.89 [48]
0.394 [10]
0.354 [9]
-
0.031 [0.8]
1.378 [35]
CP0010...3
1.89 [48]
0.394 [10]
0.354 [9]
0.472 [12]
0.031 [0.8]
1.378 [35]
CP0015
1.89 [48]
0.492 [12.5]
0.453 [11.5]
-
0.031 [0.8]
1.378 [35]
CP0020
2.36 [60]
0.551 [14]
0.531 [13.5]
-
0.031 [0.8]
1.378 [35]
CPxxxx
LL
L
LD
W
H
CPxxxx...3
LL
L
LD
W
H
H1
0.125 [3.18]
typical
AMBIENT TEMPERATURE IN °C
0
20
40
60
80
100
120
- 55
75
275
- 25
175
225
125
25
40
Wirewound
Metal Oxide
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS (EIA-344)
Thermal Shock
- 55 °C to + 275 °C (+ 225 °C for Metal Oxide), 5 cycles, 30 min dwell time
± (5.0 % + 0.05
) R
Short Time Overload
5 x rated power for 5 s
± (4.0 % + 0.05
) R
Dielectric Withstanding Voltage
1000 VRMS, for 1 min
± (2.0 % + 0.05
) R
Low Temperature Storage
- 65 °C, full rated working voltage for 45 min
± (3.0 % + 0.05
) R
Humidity
75 °C, 90 % to 100 % RH, 240 h
± (5.0 % + 0.05
) R
Load Life
1000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (10.0 % + 0.05
) R
Terminal Strength
5 pounds for 30 s; body twisted about axis, 3 x 360° rotations
± (2.0 % + 0.05
) R
Resistance to Solder Heat
Terminal immersed 3.5 s in molten solder at 1/8" to 3/16" from body
± (4.0 % + 0.05
) R


Similar Part No. - CP00101R000JE14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CP002M VISHAY-CP002M Datasheet
227Kb / 3P
   Wirewound Resistors, Commercial Power, Surface Mount
Revision: 05-Apr-11
logo
Jiangsu High diode Semi...
CP0080SC HDSEMI-CP0080SC Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
More results

Similar Description - CP00101R000JE14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
Revision: 14-Aug-12
CPR VISHAY-CPR Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
AMW VISHAY-AMW Datasheet
152Kb / 7P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
   Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
CPW VISHAY-CPW Datasheet
99Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
Revision: 09-Jan-12
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
CA VISHAY-CA Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
CPCC VISHAY-CPCC Datasheet
88Kb / 3P
   Wirewound/Metal Oxide Resistors, Commercial Power, Vertical Mount
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 18-Feb-16
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
Revision: 01-Feb-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com