Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR03AM-16A-BTB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CR03AM-16A-BTB
Description  800V-0.3A-Thyristor Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR03AM-16A-BTB Datasheet(HTML) 5 Page - Renesas Technology Corp

  CR03AM-16A-BTB Datasheet HTML 1Page - Renesas Technology Corp CR03AM-16A-BTB Datasheet HTML 2Page - Renesas Technology Corp CR03AM-16A-BTB Datasheet HTML 3Page - Renesas Technology Corp CR03AM-16A-BTB Datasheet HTML 4Page - Renesas Technology Corp CR03AM-16A-BTB Datasheet HTML 5Page - Renesas Technology Corp CR03AM-16A-BTB Datasheet HTML 6Page - Renesas Technology Corp CR03AM-16A-BTB Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CR03AM-16A
Preliminary
R07DS0987EJ0200 Rev.2.00
Page 5 of 6
Jun 14, 2013
104
103
102
101
160
120
60
40
20
140
100
80
0
102
101
100
10−1
–400
40
80
120
160
–400
40
80
120
160
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
160
120
60
40
20
140
100
80
0
Breakover Voltage vs.
Rate of Rise of Off-State Voltage
Rate of Rise of Off-State Voltage (V/
μs)
VD=12V
RGK=1k
Ω
Junction Temperature (°C)
Repetitive Peak Reverse Voltage vs.
Junction Temperature
Typical Example
–400
40
80
120
160
RGK = 1k
Ω
Typical Example
Typical Example
160
120
60
40
20
140
100
80
0
100
101
102
103
101
102
103
Typical Example
Typical Example
Typical Distribution
Gate Trigger Current vs.
Gate Current Pulse Width
Gate Current Pulse Width (
μs)
Ta = 25°C
Tj = 125°C
RGK=1k
Ω


Similar Part No. - CR03AM-16A-BTB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR03AM-16A RENESAS-CR03AM-16A_15 Datasheet
101Kb / 7P
   800V-0.3A-Thyristor Low Power Use
More results

Similar Description - CR03AM-16A-BTB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR03AM-16A RENESAS-CR03AM-16A_15 Datasheet
101Kb / 7P
   800V-0.3A-Thyristor Low Power Use
CR2AS-16A RENESAS-CR2AS-16A_15 Datasheet
136Kb / 7P
   800V ??2A -Thyristor Medium Power Use
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com