Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450-1801-01 Datasheet(PDF) 4 Page - CAMBION Electronic Components

Part # 450-1801-01
Description  SINGLE POLE SOCKETS - SOLDER MOUNT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

450-1801-01 Datasheet(HTML) 4 Page - CAMBION Electronic Components

  450-1801-01 Datasheet HTML 1Page - CAMBION Electronic Components 450-1801-01 Datasheet HTML 2Page - CAMBION Electronic Components 450-1801-01 Datasheet HTML 3Page - CAMBION Electronic Components 450-1801-01 Datasheet HTML 4Page - CAMBION Electronic Components 450-1801-01 Datasheet HTML 5Page - CAMBION Electronic Components 450-1801-01 Datasheet HTML 6Page - CAMBION Electronic Components 450-1801-01 Datasheet HTML 7Page - CAMBION Electronic Components 450-1801-01 Datasheet HTML 8Page - CAMBION Electronic Components 450-1801-01 Datasheet HTML 9Page - CAMBION Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dimensions in inches (mm)
Dimensions in inches (mm)
Call our dedicated order line on +44 (0) 1433 621555 or visit www.cambion.com
14
SINGLE POLE SOCKETS - PCB MOUNT SOLDER
SNAP ON COLOUR CODE INSULATOR
450-3422 -01 .040(1.02) .100(2.54) .300(7.62) .211(5.36) .040(1.02) .092(2.34) .047(1.19) .024(0.61)
450-3888 -01 .080(2.03) .200(5.08) .400(10.16) .325(8.26) .056(1.42) .142(3.61) .062(1.57) .046(1.17)
Basic Part
P
A
BCD
D1
D2
E
No.
450 - 3XXX - 01 - XX - 00
How to order code
Basic Part No.
Finish
Body
Brass

Spring
BerylliumCopper

(HeatTreated)
Clip
Brass

Component
Material
RoHS
MaterialCodeTable
FinishCodeTable
-03
GoldoverNickel GoldoverNickel GoldoverNickel

-04
Electro-Tin
Electro-Tin
Electro-Tin

-06
Electro-Tin GoldoverNickel Electro-Tin

450-3422 -01 .125(3.18) .100(2.54) .125(3.18) .416(10.57) .028(0.71) .229(5.82) .016(0.41)
450-3888 -01 .218(5.54) .156(3.96) .188(4.78) .537(13.64) .038(0.97) .325(8.26) .020(0.51)
Basic Part
F
GH
J
K
L
M
No.
DashNo.
BodyFinish
SpringFinish
Clip
RoHS
506-4422 -01
450-3422
.301(7.65)
.172(4.37)
.162(4.11)
.131(3.33)
506-4488 -01
450-3888
.415(10.54)
.276(7.01)
.268(6.81)
.194(4.93)
Basic Part
Used on
AB
C
D
No.
Part
506 - 44XX - 01 - 00 - XX
How to order code
Basic Part No.
Colour
Cover
Nylon

Component
Material
RoHS
MaterialCodeTable
ColourCodeTable
-10
Black
-11
Brown
-12
Red
-13
Orange
-14
Yellow
DashNo.
Colour
-15
Green
-16
Blue
-17
Violet
-18
Grey
-19
White
DashNo.
Colour


Similar Part No. - 450-1801-01

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
450-1801 CAMBION-450-1801 Datasheet
26Kb / 1P
   Knurl mount socket, for .040 (1,02) diameter pins
More results

Similar Description - 450-1801-01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4833.2300 SCHURTER-4833.2300_V01 Datasheet
285Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.2200 SCHURTER-4831.2200_20 Datasheet
287Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1300 SCHURTER-4831.1300_20 Datasheet
224Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
4833.3300 SCHURTER-4833.3300 Datasheet
287Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.1320 SCHURTER-4833.1320 Datasheet
227Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.2200 SCHURTER-4833.2200 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
4831.3200 SCHURTER-4831.3200_V01 Datasheet
286Kb / 2P
   , solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4832.3300 SCHURTER-4832.3300_V02 Datasheet
286Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 3.5 mm
04.01.2022
4833.2200 SCHURTER-4833.2200_V01 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.1300 SCHURTER-4831.1300_V01 Datasheet
223Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com