Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS62P48 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P48
Description  Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P48 Datasheet(HTML) 2 Page - Texas Instruments

  ADS62P48 Datasheet HTML 1Page - Texas Instruments ADS62P48 Datasheet HTML 2Page - Texas Instruments ADS62P48 Datasheet HTML 3Page - Texas Instruments ADS62P48 Datasheet HTML 4Page - Texas Instruments ADS62P48 Datasheet HTML 5Page - Texas Instruments ADS62P48 Datasheet HTML 6Page - Texas Instruments ADS62P48 Datasheet HTML 7Page - Texas Instruments ADS62P48 Datasheet HTML 8Page - Texas Instruments ADS62P48 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
ADS62P19
SLAS937 – APRIL 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED TEMPERATURE
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
TRANSPORT MEDIA
RANGE
ADS62P19
QFN-64
RGC
–40°C to +85°C
Tape and Reel
ADS62P28
QFN-64
RGC
–40°C to +85°C
Tape and Reel
ADS62P29
QFN-64
RGC
–40°C to +85°C
Tape and Reel
ADS62P48
QFN-64
RGC
–40°C to +85°C
Tape and Reel
ADS62P49
QFN-64
RGC
–40°C to +85°C
Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
AVDD
–0.3 V to 3.9
V
Supply voltage range
DRVDD
–0.3 V to 2.2
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
AVDD leads DRVDD during power-up and DRVDD
Voltage between AVDD to DRVDD
–0.3 to 4.2
V
leads AVDD during power-down
DRVDD leads AVDD during power-up and AVDD leads
Voltage between DRVDD to AVDD
–2.5 to 1.7
V
DRVDD during power-down
Voltage applied to external pin
VCM (in external reference mode)
–0.3 to 2.0
V
Voltage applied to analog input pins
INP_A, INM_A, INP_B, INM_B
–0.3 to minimum (3.6, AVDD + 0.3)
V
CLKP, CLKM(2), RESET, SCLK, SDATA, SEN, CTRL1,
Voltage applied to input pins
–0.3 to AVDD + 0.3
V
CTRL2, CTRL3
Operating free-air, TA
–40 to +85
°C
Temperature range
Operating junction, TJ
+125
°C
Storage, Tstg
–65 to +150
°C
Electrostatic discharge (ESD) rating
Human body model (HBM)
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
When AVDD is turned off, TI recommends switching off the input clock (or ensuring the voltage on CLKP, CLKM is < |0.3 V|). This
setting prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL INFORMATION
ADS62P19
THERMAL METRIC(1)
RGC PACKAGE
UNITS
64 PINS
θJA
Junction-to-ambient thermal resistance
23.0
θJCtop
Junction-to-case (top) thermal resistance
10.5
θJB
Junction-to-board thermal resistance
4.2
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
4.2
θJCbot
Junction-to-case (bottom) thermal resistance
0.57
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS62P19


Similar Part No. - ADS62P48

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P48 TI-ADS62P48 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48 TI-ADS62P48 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48IRGC25 TI-ADS62P48IRGC25 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48IRGCR TI-ADS62P48IRGCR Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P48IRGCR TI-ADS62P48IRGCR Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS62P48

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com