Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD7P20 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FQD7P20
Description  200V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7P20 Datasheet(HTML) 9 Page - Fairchild Semiconductor

  FQD7P20 Datasheet HTML 1Page - Fairchild Semiconductor FQD7P20 Datasheet HTML 2Page - Fairchild Semiconductor FQD7P20 Datasheet HTML 3Page - Fairchild Semiconductor FQD7P20 Datasheet HTML 4Page - Fairchild Semiconductor FQD7P20 Datasheet HTML 5Page - Fairchild Semiconductor FQD7P20 Datasheet HTML 6Page - Fairchild Semiconductor FQD7P20 Datasheet HTML 7Page - Fairchild Semiconductor FQD7P20 Datasheet HTML 8Page - Fairchild Semiconductor FQD7P20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
  


 =    #
"B!   =




)


G



 !
"

#$%&G



 '(
 ')
 '*
+$%
$+,%
-
.

(6,E62;6HI,,;;,+;E;,6:E(J;E(H:;?6EII,E;,H6;(HK
,IE;,;6H6,+;,;26(C626KIH6H,;6:H (6,E62;H(I;(HK
26(C626K(,66H:IE;(26(6H,I;(HK,I,6,I6;,6C;E;,;6HL
H;6E;,;6H+;K(HK26;H;IH;,6(;H,6:EH,E;,6:EE;,

(6,E62 ,I (,; H (IE,6D; , I; ( ,66(2 H;H 6H 26; I,
;+6; , K; ?6EI E; ;M,; ?,6;H (,+(2  (6,E62 ;6HI,
6H;,H(6H(2
(N
1 2! ! 
 34  "
3"4 3 4 
    
!   "   " "  B  
  O
) (     
!          "
" B    
!   !

   
   !"
#"#
 !
(! 6
!6

   
 !     
 
 
 
  
  ""  
    !=
 !

H6 H
  
       
  != 
 !
" 
H6 
    
" "    
  


Similar Part No. - FQD7P20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQD7P20 ISC-FQD7P20 Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQD7P20TF FAIRCHILD-FQD7P20TF Datasheet
737Kb / 9P
   Low Crss(typical 25 pF)
More results

Similar Description - FQD7P20

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
logo
Fairchild Semiconductor
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
   200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
   200V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com