Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5962-89637 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 5962-89637
Description  MICROCIRCUIT, LINEAR, WIDEBAND RMS-TO-DC CONVERTER, MONOLITHIC SILICON
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

5962-89637 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-89637
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing describes device requirements for MIL-STD-883 compliant, non-JAN class level B microcircuits in
accordance with MIL-PRF-38535, appendix A.
1.2 Part or Identifying Number (PIN). The complete PIN is as shown in the following example:
5962-89637
01
C
A
Drawing number
Device type
(see 1.2.1)
Case outline
(see 1.2.2)
Lead finish
(see 1.2.3)
1.2.1 Device type. The device type identify the circuit function as follows:
Device type
Generic number
Circuit function
01
AD637
Wideband RMS-to-DC converter
1.2.2 Case outline. The case outline is as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style
C
GDIP1-T14 or CDIP2-T14
14
Dual-in-line
1.2.3 Lead finish. The lead finish is as specified in MIL-PRF-38535, appendix A.
1.3 Absolute maximum ratings.
Positive supply voltage (+VS) .................................................................... +18 V dc
Negative supply voltage (-VS).................................................................... -18 V dc
Output short circuit duration...................................................................... Indefinite
Storage temperature range....................................................................... -65
°C to +150°C
Lead temperature (soldering, 10 seconds)............................................... +300
°C
Internal quiescent power dissipation ......................................................... 108 mW
Thermal resistance, junction to case (
θJC)................................................ See MIL-STD-1835
Thermal resistance, junction to ambient (
θJA)........................................... 95°C/W
Junction temperature (TJ) ......................................................................... +175
°C
1.4 Recommended operating conditions.
Positive supply voltage (+VS) .................................................................... +15 V dc
Negative supply voltage (-VS).................................................................... -15 V dc
Ambient operating temperature range (TA)............................................... -55
°C to +125°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn