Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450-3772-01 Datasheet(PDF) 9 Page - CAMBION Electronic Components

Part # 450-3772-01
Description  SINGLE POLE SOCKETS - SOLDER MOUNT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

450-3772-01 Datasheet(HTML) 9 Page - CAMBION Electronic Components

Back Button 450-3772-01 Datasheet HTML 2Page - CAMBION Electronic Components 450-3772-01 Datasheet HTML 3Page - CAMBION Electronic Components 450-3772-01 Datasheet HTML 4Page - CAMBION Electronic Components 450-3772-01 Datasheet HTML 5Page - CAMBION Electronic Components 450-3772-01 Datasheet HTML 6Page - CAMBION Electronic Components 450-3772-01 Datasheet HTML 7Page - CAMBION Electronic Components 450-3772-01 Datasheet HTML 8Page - CAMBION Electronic Components 450-3772-01 Datasheet HTML 9Page - CAMBION Electronic Components 450-3772-01 Datasheet HTML 10Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Dimensions in inches (mm)
See page 92 for recommended Crimping Pliers
Call our dedicated order line on +44 (0) 1433 621555 or visit www.cambion.com
25
CONNECTOR PINS - PATCHCORD CRIMP
Fig.
Basic Part
ABD
D1
D2
EFG
H
J
No.
460-3308-01 .282(7.16) .306(7.77) .105(2.67) .077(1.96) .040(1.02) .031(0.79) .060(1.50) .029(0.74) .282(7.16) .188(4.78)
460-3368-01 .282(7.16) .306(7.77) .105(2.67) .077(1.96) .062(1.57) .031(0.79) .060(1.52) .029(0.74) .282(7.16) .188(4.78)
1 460-3369-01 .200(5.08) .306(7.77) .105(2.67)
-
.080(2.03) .031(0.79) .060(1.52) .029(0.74) .282(7.16)
-
-02 .375(9.53)
-03 .500(12.70)
460-3299-01 .200(5.08) 2.96(7.52) .141(3.58)
-
.080(2.03) .046(1.17) .076(1.93) .040(1.02) .267(6.78)
-
2
-02 .375(9.53)
-03 .500(12.70)
3 460-3050-01 .125(3.18) .188(4.78) .062(1.57)
-
.025(0.64) .032(0.81) .048(1.22) .025(0.64) .166(4.22)
-
AlsoavailablewithblackPolyolefinSleeveas461-3102-01-XX-10
460-3050/461-3102
Recommendedhook-upwiresize-
#28AWG,7strands#36AWGcopperwireplasticinsulated
.039(0.99)Max.DiameteroverInsulation
460-3308/460-3368/460-3369
Recommendedhook-upwiresize-
#22AWG,7strands#30AWGcopperwirePTFEinsulated
.053(1.37)Max.DiameteroverInsulation
Socketalsoaccommodates
#20AWG,7strands#28AWGcopperwireinsulated
#24AWG,7strands#32AWGcopperwire insulated
460-3299
Recommendedhook-upwiresize-
#20AWG,7strands#28AWGcopperwirePTFEinsulated
Socketalsoaccommodates
#18AWG,7strands#26AWGcopperwire,insulated
#16AWG,19strands#29AWGcopperwire,insulated
Pin
Brass

Insulation PolyolefinPlastic 
Component
Material
RoHS
MaterialCodeTable
FinishCodeTable
-03
GoldoverNickel

-04
Electro-Tin

DashNo.
PinFinish
RoHS
InsulationColourCodeTable
-00
None
-10
Black
DashNo.
Colour
46X - 3XXX - XX - XX - XX
How to order code
Basic Part No.
Socket Finish
Insulator Colour


Similar Part No. - 450-3772-01

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
450-3772 CAMBION-450-3772 Datasheet
30Kb / 1P
   Solder mount socket, for .016 (0,41) to .020 (0,51) diameter pins Closed bottom and through hole options
More results

Similar Description - 450-3772-01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4833.2300 SCHURTER-4833.2300_V01 Datasheet
285Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.2200 SCHURTER-4831.2200_20 Datasheet
287Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1300 SCHURTER-4831.1300_20 Datasheet
224Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
4833.3300 SCHURTER-4833.3300 Datasheet
287Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.1320 SCHURTER-4833.1320 Datasheet
227Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.2200 SCHURTER-4833.2200 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
4831.3200 SCHURTER-4831.3200_V01 Datasheet
286Kb / 2P
   , solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4832.3300 SCHURTER-4832.3300_V02 Datasheet
286Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 3.5 mm
04.01.2022
4833.2200 SCHURTER-4833.2200_V01 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.1300 SCHURTER-4831.1300_V01 Datasheet
223Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com