Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLLE1AX7S0G225M-0.95 Datasheet(PDF) 4 Page - TDK Electronics

Part # CLLE1AX7S0G225M-0.95
Description  Ultra Low Inductance Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLLE1AX7S0G225M-0.95 Datasheet(HTML) 4 Page - TDK Electronics

  CLLE1AX7S0G225M-0.95 Datasheet HTML 1Page - TDK Electronics CLLE1AX7S0G225M-0.95 Datasheet HTML 2Page - TDK Electronics CLLE1AX7S0G225M-0.95 Datasheet HTML 3Page - TDK Electronics CLLE1AX7S0G225M-0.95 Datasheet HTML 4Page - TDK Electronics CLLE1AX7S0G225M-0.95 Datasheet HTML 5Page - TDK Electronics CLLE1AX7S0G225M-0.95 Datasheet HTML 6Page - TDK Electronics CLLE1AX7S0G225M-0.95 Datasheet HTML 7Page - TDK Electronics CLLE1AX7S0G225M-0.95 Datasheet HTML 8Page - TDK Electronics CLLE1AX7S0G225M-0.95 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TDK MLCC US Catalog
Version B11
Page 232
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
CLLC1AX7S0G334M
X7S
4V
330,000
± 20%
0.50 ± 0.10
CLLC1AX7S0G474M
X7S
4V
470,000
± 20%
0.50 ± 0.10
CLLC1AX7S0G684M
X7S
4V
680,000
± 20%
0.50 ± 0.10
CLLC1AX7S0G105M
X7S
4V
1,000,000
± 20%
0.50 ± 0.10
CLLC1A [EIA CC0603]
Capacitance
Range Chart
Capacitance
Range Table
CLLC1A [EIA CC0603]
Class 2 (Temperature Stable)
Temperature Characteristics: X7S (-55 to +125ºC, ±22%)
Capacitance Range Chart
Temperature Characteristics: X7S (± 22)
Rated Voltage: 4V (0G)
0.50 mm
X7S
0G
(4V)
330,000
334
470,000
474
680,000
684
1,000,000
105
M: ± 20%
Capacitance
(pF)
Cap
Code
Tolerance
Standard Thickness


Similar Part No. - CLLE1AX7S0G225M-0.95

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLL CLAIREX-CLL Datasheet
198Kb / 4P
   Photo-IC Sensors Digital Output
logo
CITIZEN ELECTRONICS CO....
CLL012-0305A5-273M1A2 CITIZEN-CLL012-0305A5-273M1A2 Datasheet
445Kb / 12P
   This data sheet is applied to the LED package
CLL012-0305A5-50KL1A1 CITIZEN-CLL012-0305A5-50KL1A1 Datasheet
483Kb / 12P
   This data sheet is applied to the LED package
logo
Cree, Inc
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
   Ronda series
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
   Ronda series
More results

Similar Description - CLLE1AX7S0G225M-0.95

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
10-PZ12NMA027MR-M340F68Y VINCOTECH-10-PZ12NMA027MR-M340F68Y Datasheet
668Kb / 6P
   Ultra Low Inductance with Integrated DC-capacitors
10-PZ123BA080ME-M909L18Y VINCOTECH-10-PZ123BA080ME-M909L18Y Datasheet
579Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
   Ultra Low Package Inductance
IRF8304MPBF IRF-IRF8304MPBF_15 Datasheet
279Kb / 9P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
   Ultra Low Package Inductance
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com