Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC245SJ Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74AC245SJ
Description  Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC245SJ Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AC245SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC245SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC245SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC245SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC245SJ Datasheet HTML 7Page - Fairchild Semiconductor 74AC245SJ Datasheet HTML 8Page - Fairchild Semiconductor 74AC245SJ Datasheet HTML 9Page - Fairchild Semiconductor 74AC245SJ Datasheet HTML 10Page - Fairchild Semiconductor 74AC245SJ Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC245, 74ACT245 Rev. 1.5.0
7
Physical Dimensions
Figure 1. 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
0.10
C
C
A
SEE DETAIL A
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-013, VARIATION AC, ISSUE E
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
E) LANDPATTERN STANDARD: SOIC127P1030X265-20L
PIN ONE
INDICATOR
0.25
1
10
B
C
A
M
20
11
B
X45
°
8
°
0
°
SEATING PLANE
GAGE PLANE
DETAIL A
SCALE: 2:1
SEATING PLANE
LAND PATTERN RECOMMENDATION
F) DRAWING FILENAME: MKT-M20BREV3
0.65
1.27
2.25
9.50
13.00
12.60
11.43
7.60
7.40
10.65
10.00
0.51
0.35
1.27
2.65 MAX
0.30
0.10
0.33
0.20
0.75
0.25
(R0.10)
(R0.10)
1.27
0.40
(1.40)
0.25
D) CONFORMS TO ASME Y14.5M-1994


Similar Part No. - 74AC245SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC245SJ FAIRCHILD-74AC245SJ Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245SJ FAIRCHILD-74AC245SJ Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74AC245SJ ONSEMI-74AC245SJ Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
More results

Similar Description - 74AC245SJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com