Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N32M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 4N32M
Description  General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N32M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  4N32M Datasheet HTML 1Page - Fairchild Semiconductor 4N32M Datasheet HTML 2Page - Fairchild Semiconductor 4N32M Datasheet HTML 3Page - Fairchild Semiconductor 4N32M Datasheet HTML 4Page - Fairchild Semiconductor 4N32M Datasheet HTML 5Page - Fairchild Semiconductor 4N32M Datasheet HTML 6Page - Fairchild Semiconductor 4N32M Datasheet HTML 7Page - Fairchild Semiconductor 4N32M Datasheet HTML 8Page - Fairchild Semiconductor 4N32M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.3
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified.)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
-50 to +150
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature (Wave)
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
250
mW
Derate above 25°C
3.3
mW/°C
EMITTER
IF
Continuous Forward Current
80
mA
VR
Reverse Voltage
3
V
IF(pk)
Forward Current – Peak (300µs, 2% Duty Cycle)
3.0
A
PD
LED Power Dissipation @ TA = 25°C
150
mW
Derate above 25°C
2.0
mW/°C
DETECTOR
BVCEO
Collector-Emitter Breakdown Voltage
30
V
BVCBO
Collector-Base Breakdown Voltage
30
V
BVECO
Emitter-Collector Breakdown Voltage
5
V
PD
Detector Power Dissipation @ TA = 25°C
150
mW
Derate above 25°C
2.0
mW/°C
IC
Continuous Collector Current
150
mA


Similar Part No. - 4N32M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N32M FAIRCHILD-4N32M Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N32M FAIRCHILD-4N32M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N32M FAIRCHILD-4N32M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N32M FAIRCHILD-4N32M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N32M FAIRCHILD-4N32M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - 4N32M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com