Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-C167CR-LMHA Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SAK-C167CR-LMHA
Description  16-Bit Single-Chip Microcontroller
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-C167CR-LMHA Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SAK-C167CR-LMHA Datasheet HTML 4Page - Infineon Technologies AG SAK-C167CR-LMHA Datasheet HTML 5Page - Infineon Technologies AG SAK-C167CR-LMHA Datasheet HTML 6Page - Infineon Technologies AG SAK-C167CR-LMHA Datasheet HTML 7Page - Infineon Technologies AG SAK-C167CR-LMHA Datasheet HTML 8Page - Infineon Technologies AG SAK-C167CR-LMHA Datasheet HTML 9Page - Infineon Technologies AG SAK-C167CR-LMHA Datasheet HTML 10Page - Infineon Technologies AG SAK-C167CR-LMHA Datasheet HTML 11Page - Infineon Technologies AG SAK-C167CR-LMHA Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
C167CR
C167SR
Summary of Features
Data Sheet
6
V3.3, 2005-02
Table 1
C167CR Derivative Synopsis
Derivative1)
Program
ROM Size
XRAM Size
Operating
Frequency
Package
SAK-C167SR-LM
SAB-C167SR-LM
2 Kbytes
25 MHz
P-MQFP-144-8
SAK-C167SR-L33M
SAB-C167SR-L33M
2 Kbytes
33 MHz
P-MQFP-144-8
SAK-C167CR-LM
SAF-C167CR-LM
SAB-C167CR-LM
2 Kbytes
25 MHz
P-MQFP-144-8
SAK-C167CR-L33M
SAB-C167CR-L33M
2 Kbytes
33 MHz
P-MQFP-144-8
SAK-C167CR-4RM
SAB-C167CR-4RM
32 Kbytes
2 Kbytes
25 MHz
P-MQFP-144-8
SAK-C167CR-4R33M
SAB-C167CR-4R33M
32 Kbytes
2 Kbytes
33 MHz
P-MQFP-144-8
SAK-C167CR-16RM
128 Kbytes
2 Kbytes
25 MHz
P-MQFP-144-8
SAK-C167CR-16R33M 128 Kbytes
2 Kbytes
33 MHz
P-MQFP-144-8
SAK-C167CR-LE
2 Kbytes
25 MHz
P-BGA-176-2
1) This Data Sheet is valid for devices manufactured in 0.5
µm technology, i.e. devices starting with and including
design step GA(-T)6.


Similar Part No. - SAK-C167CR-LMHA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAK-C167CR-LM SIEMENS-SAK-C167CR-LM Datasheet
788Kb / 67P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAK-C167CR-LM INFINEON-SAK-C167CR-LM Datasheet
955Kb / 74P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
More results

Similar Description - SAK-C167CR-LMHA

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com