Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C263-25QMB Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C263-25QMB
Description  8K x 8 Power-Switched and Reprogrammable PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C263-25QMB Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C263-25QMB Datasheet HTML 1Page - Cypress Semiconductor CY7C263-25QMB Datasheet HTML 2Page - Cypress Semiconductor CY7C263-25QMB Datasheet HTML 3Page - Cypress Semiconductor CY7C263-25QMB Datasheet HTML 4Page - Cypress Semiconductor CY7C263-25QMB Datasheet HTML 5Page - Cypress Semiconductor CY7C263-25QMB Datasheet HTML 6Page - Cypress Semiconductor CY7C263-25QMB Datasheet HTML 7Page - Cypress Semiconductor CY7C263-25QMB Datasheet HTML 8Page - Cypress Semiconductor CY7C263-25QMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CY7C261
CY7C263/CY7C264
Document #: 38-04010 Rev. **
Page 4 of 16
AC Test Loads and Waveforms[4]
Switching Characteristics Over the Operating Range [2,3,4]
7C261-20
7C263-20
7C264-20
7C261-25
7C263-25
7C264-25
7C261-35
7C263-35
7C264-35
7C261-45
7C263-45
7C264-45
7C261-55
7C263-55
7C264-55
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tAA
Address to Output Valid
20
25
35
45
55
ns
tHZCS1
Chip Select Inactive to High Z
(7C263 and 7C264)
12
12
20
30
35
ns
tHZCS2
Chip Select Inactive to High Z
(7C261)
20
25
35
45
55
ns
tACS1
Chip Select Active to Output Valid
(7C263 and 7C264)
12
12
20
30
35
ns
tACS2
Chip Select Active to Output Valid
(7C261)
20
25
35
45
55
ns
tPU
Chip Select Active to Power-Up
(7C261)
00000
ns
tPD
Chip Select Inactive to
Power-Down (7C261)
20
25
35
45
55
ns
R2 333
(403
Ω MIL)
3.0V
5V
OUTPUT
R1 500
(658
Ω MIL)
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 5ns
≤ 5 ns
5V
OUTPUT
5pF
INCLUDING
JIG AND
SCOPE
(a) Normal Load
(b) High Z Load
OUTPUT
RTH 200Ω (250Ω MIL)
5V
OUTPUT
5V
OUTPUT
R1250
30pF
INCLUDING
JIG AND
SCOPE
5pF
INCLUDING
JIG AND
SCOPE
(c) Normal Load
(d) High Z Load
OUTPUT
2.0V
RTH 100Ω
R1 250
R1 500
(658
Ω MIL)
R2 333
(403
Ω MIL)
R2167
R2167
2.0V(1.9VMIL)
Test Load for -20 through -30 speeds
Test Load for -35 through -55 speeds
Equivalent to:
THÉVENIN EQUIVALENT
Equivalent to:
THÉVENIN EQUIVALENT


Similar Part No. - CY7C263-25QMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C263-25QMB CYPRESS-CY7C263-25QMB Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C263-25QMB CYPRESS-CY7C263-25QMB Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
More results

Similar Description - CY7C263-25QMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com