Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C261-55PC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C261-55PC
Description  8K x 8 Power-Switched and Reprogrammable PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C261-55PC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C261-55PC Datasheet HTML 6Page - Cypress Semiconductor CY7C261-55PC Datasheet HTML 7Page - Cypress Semiconductor CY7C261-55PC Datasheet HTML 8Page - Cypress Semiconductor CY7C261-55PC Datasheet HTML 9Page - Cypress Semiconductor CY7C261-55PC Datasheet HTML 10Page - Cypress Semiconductor CY7C261-55PC Datasheet HTML 11Page - Cypress Semiconductor CY7C261-55PC Datasheet HTML 12Page - Cypress Semiconductor CY7C261-55PC Datasheet HTML 13Page - Cypress Semiconductor CY7C261-55PC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY7C261
CY7C263/CY7C264
Document #: 38-04010 Rev. **
Page 10 of 16
MILITARY SPECIFICATION
Group A Subgroup Testing
20
CY7C264-20DC
D12
24-Lead (600-Mil) CerDIP
Commercial
CY7C264-20PC
P11
24-Lead (600-Mil) Molded DIP
CY7C264-20WC
W12
24-Lead (600-Mil) Windowed CerDIP
25
CY7C264-25DC
D12
24-Lead (600-Mil) CerDIP
Commercial
CY7C264-25PC
P11
24-Lead (600-Mil) Molded DIP
CY7C264-25WC
W12
24-Lead (600-Mil) Windowed CerDIP
CY7C264-25DMB
D12
24-Lead (600-Mil) CerDIP
Military
CY7C264-25WMB
W12
24-Lead (600-Mil) Windowed CerDIP
35
CY7C264-35DC
D12
24-Lead (600-Mil) CerDIP
Commercial
CY7C264-35PC
P11
24-Lead (600-Mil) Molded DIP
CY7C264-35WC
W12
24-Lead (600-Mil) Windowed CerDIP
CY7C264-35DMB
D12
24-Lead (600-Mil) CerDIP
Military
CY7C264-35WMB
W12
24-Lead (600-Mil) Windowed CerDIP
45
CY7C264-45DC
D12
24-Lead (600-Mil) CerDIP
Commercial
CY7C264-45PC
P11
24-Lead (600-Mil) Molded DIP
CY7C264-45WC
W12
24-Lead (600-Mil) Windowed CerDIP
CY7C264-45DMB
D12
24-Lead (600-Mil) CerDIP
Military
CY7C264-45WMB
W12
24-Lead (600-Mil) Windowed CerDIP
55
CY7C264-55DC
D12
24-Lead (600-Mil) CerDIP
Commercial
CY7C264-55PC
P11
24-Lead (600-Mil) Molded DIP
CY7C264-55WC
W12
24-Lead (600-Mil) Windowed CerDIP
CY7C264-55DMB
D12
24-Lead (600-Mil) CerDIP
Military
CY7C264-55WMB
W12
24-Lead (600-Mil) Windowed CerDIP
Ordering Information[8] (continued)
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
DC Characteristics
Parameter
Subgroups
VOH
1, 2, 3
VOL
1, 2, 3
VIH
1, 2, 3
VIL
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC
1, 2, 3
ISB
[9]
1, 2, 3
Switching Characteristics
Parameter
Subgroups
tAA
7, 8, 9, 10, 11
tACS1
[10]
7, 8, 9, 10, 11
tACS2
[9]
7, 8, 9, 10, 11
Notes:
9.
7C261 only.
10. 7C263 and 7C264 only.


Similar Part No. - CY7C261-55PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261-55WC CYPRESS-CY7C261-55WC Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261-55WC CYPRESS-CY7C261-55WC Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
More results

Similar Description - CY7C261-55PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com