Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C261-25WMB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C261-25WMB
Description  8K x 8 Power-Switched and Reprogrammable PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C261-25WMB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C261-25WMB Datasheet HTML 3Page - Cypress Semiconductor CY7C261-25WMB Datasheet HTML 4Page - Cypress Semiconductor CY7C261-25WMB Datasheet HTML 5Page - Cypress Semiconductor CY7C261-25WMB Datasheet HTML 6Page - Cypress Semiconductor CY7C261-25WMB Datasheet HTML 7Page - Cypress Semiconductor CY7C261-25WMB Datasheet HTML 8Page - Cypress Semiconductor CY7C261-25WMB Datasheet HTML 9Page - Cypress Semiconductor CY7C261-25WMB Datasheet HTML 10Page - Cypress Semiconductor CY7C261-25WMB Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY7C261
CY7C263/CY7C264
Document #: 38-04010 Rev. **
Page 7 of 16
Typical DC and AC Characteristics
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.4
1.6
1.0
0.8
4.0
4.5
5.0
5.5
6.0
-55
25
125
1.2
1.1
1.2
1.0
0.8
0.6
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
(°C)
SUPPLY VOLTAGE (V)
NORMALI ZED
ACCESS TIME
vs. SUPPLY VOLTAGE
0.6
1.2
1.6
1.4
1.2
1.0
0.8
- 55
125
AMBIENT TEMPERATURE (
°C)
NORMALIZED ACCESS TIME
vs. TEMPERATURE
150
175
125
75
50
25
0.0
1.0
2.0
3.0
0
100
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
1.0
0.9
0.8
VCC = 5.0V
TA = 25°C
TA = 25°C
0.6
0.4
60
50
40
30
20
10
01.0
2.0
3.0
OUTPUT VOLTAGE (V)
30
25
20
15
10
5
0
200
400
600
800
CAPACITANCE (pF)
4.0
1000
VCC = 4.5V
TA = 25°C
TA = 25°C
f= fMAX
25
0
OUTPUT SOURCE CURRENT
vs. VOLTAGE
4.0
1.00
1.05
0.95
0.85
0.80
0.75
025
50
75
100
0.70
0.90
NORMALIZED SUPPLY CURRENT
vs. CYCLE PERIOD
CYCLE PERIOD (ns)
VCC = 5.5V
TA = 25°C
0
35


Similar Part No. - CY7C261-25WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261-25WMB CYPRESS-CY7C261-25WMB Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261-25WMB CYPRESS-CY7C261-25WMB Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
More results

Similar Description - CY7C261-25WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com