Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63743-PXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C63743-PXC
Description  enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63743-PXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C63743-PXC Datasheet HTML 1Page - Cypress Semiconductor CY7C63743-PXC Datasheet HTML 2Page - Cypress Semiconductor CY7C63743-PXC Datasheet HTML 3Page - Cypress Semiconductor CY7C63743-PXC Datasheet HTML 4Page - Cypress Semiconductor CY7C63743-PXC Datasheet HTML 5Page - Cypress Semiconductor CY7C63743-PXC Datasheet HTML 6Page - Cypress Semiconductor CY7C63743-PXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63743-PXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63743-PXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
CY7C63722
CY7C63723
CY7C63743
FOR
FOR
Document #: 38-08022 Rev. *B
Page 2 of 49
2.0
Logic Block Diagram
3.0
Functional Overview
3.1
enCoRe USB—The New USB Standard
Cypress has reinvented its leadership position in the
low-speed USB market with a new family of innovative
microcontrollers. Introducing...enCoRe USB—“enhanced
Component Reduction.” Cypress has leveraged its design
expertise in USB solutions to create a new family of low-speed
USB microcontrollers that enables peripheral developers to
design new products with a minimum number of components.
At the heart of the enCoRe USB technology is the break-
through design of a crystalless oscillator. By integrating the
oscillator into our chip, an external crystal or resonator is no
longer needed. We have also integrated other external compo-
nents commonly found in low-speed USB applications such as
pull-up resistors, wake-up circuitry, and a 3.3V regulator. All of
this adds up to a lower system cost.
The CY7C637xx is an 8-bit RISC one-time-programmable
(OTP) microcontroller. The instruction set has been optimized
specifically for USB and PS/2 operations, although the micro-
controllers can be used for a variety of other embedded appli-
cations.
The CY7C637xx features up to 16 GPIO pins to support USB,
PS/2 and other applications. The I/O pins are grouped into two
ports (Port 0 to 1) where each pin can be individually
configured as inputs with internal pull-ups, open drain outputs,
or traditional CMOS outputs with programmable drive strength
of up to 50 mA output drive. Additionally, each I/O pin can be
used to generate a GPIO interrupt to the microcontroller. Note
the GPIO interrupts all share the same “GPIO” interrupt vector.
The CY7C637xx microcontrollers feature an internal oscillator.
With the presence of USB traffic, the internal oscillator can be
set to precisely tune to USB timing requirements (6 MHz
±1.5%). Optionally, an external 6-MHz ceramic resonator can
be used to provide a higher precision reference for USB
operation. This clock generator reduces the clock-related
noise emissions (EMI). The clock generator provides the 6-
and 12-MHz clocks that remain internal to the microcontroller.
The CY7C637xx has 8 Kbytes of EPROM and 256 bytes of
data RAM for stack space, user variables, and USB FIFOs.
These parts include low-voltage reset logic, a Watchdog timer,
a vectored interrupt controller, a 12-bit free-running timer, and
capture timers. The low-voltage reset (LVR) logic detects
when power is applied to the device, resets the logic to a
known state, and begins executing instructions at EPROM
address 0x0000. LVR will also reset the part when VCC drops
below the operating voltage range. The Watchdog timer can
be used to ensure the firmware never gets stalled for more
than approximately 8 ms.
The microcontroller supports 10 maskable interrupts in the
vectored interrupt controller. Interrupt sources include the USB
Bus-Reset, the 128-
µs and 1.024-ms outputs from the
free-running timer, three USB endpoints, two capture timers,
an internal wake-up timer and the GPIO ports. The timers bits
cause periodic interrupts when enabled. The USB endpoints
interrupt after USB transactions complete on the bus. The
capture timers interrupt whenever a new timer value is saved
due to a selected GPIO edge event. The GPIO ports have a
level of masking to select which GPIO inputs can cause a
GPIO interrupt. For additional flexibility, the input transition
polarity that causes an interrupt is programmable for each
GPIO pin. The interrupt polarity can be either rising or falling
edge.
The free-running 12-bit timer clocked at 1 MHz provides two
interrupt sources as noted above (128
µs and 1.024 ms). The
timer can be used to measure the duration of an event under
firmware control by reading the timer at the start and end of an
Wake-Up
12-bit
Timer
USB &
D+,D–
P1.0–P1.7
Interrupt
Controller
Port 0
P0.0–P0.7
GPIO
8-bit
RISC
Xtal
RAM
256 Byte
EPROM
8K Byte
Core
Brown-out
Reset
Xcvr
Watch
Timer
Dog
3.3V
Port 1
GPIO
Capture
Timers
USB
Engine
PS/2
Internal
Oscillator
Oscillator
Low
Reset
Voltage
Regulator
Timer
SPI
XTALOUT
XTALIN/P2.1
VREG/P2.0


Similar Part No. - CY7C63743-PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63743-PC CYPRESS-CY7C63743-PC Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
More results

Similar Description - CY7C63743-PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com