Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63743-QXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C63743-QXC
Description  enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63743-QXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C63743-QXC Datasheet HTML 4Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 5Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 6Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 9Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 10Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 11Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
CY7C63722
CY7C63723
CY7C63743
FOR
FOR
Document #: 38-08022 Rev. *B
Page 8 of 49
8.2
Data Memory Organization
The CY7C637xx microcontrollers provide 256 bytes of data
RAM. In normal usage, the SRAM is partitioned into four
areas: program stack, data stack, user variables and USB
endpoint FIFOs as shown below.
8.3
I/O Register Summary
I/O registers are accessed via the I/O Read (IORD) and I/O
Write (IOWR, IOWX) instructions. IORD reads the selected
port into the accumulator. IOWR writes data from the accumu-
lator to the selected port. Indexed I/O Write (IOWX) adds the
contents of X to the address in the instruction to form the port
address and writes data from the accumulator to the specified
port. Note that specifying address 0 with IOWX (e.g., IOWX
0h) means the I/O port is selected solely by the contents of X.
Note: All bits of all registers are cleared to all zeros on
reset, except the Processor Status and Control Register
(Figure 20-1). All registers not listed are reserved, and should
never be written by firmware. All bits marked as reserved
should always be written as 0 and be treated as undefined by
reads.
After reset
Address
8-bit DSP
8-bit PSP
0x00
Program Stack Growth
(User’s firmware moves DSP)
8-bit DSP
User Selected
Data Stack Growth
User Variables
0xE8
USB FIFO for Address A endpoint 2
0xF0
USB FIFO for Address A endpoint 1
0xF8
USB FIFO for Address A endpoint 0
Top of RAM Memory
0xFF
Figure 8-2. Data Memory Organization
Table 8-1. I/O Register Summary
Register Name
I/O Address
Read/Write
Function
Fig.
Port 0 Data
0x00
R/W
GPIO Port 0
12-2
Port 1 Data
0x01
R/W
GPIO Port 1
12-3
Port 2 Data
0x02
R
Auxiliary input register for D+, D–, VREG, XTALIN
12-8
Port 0 Interrupt Enable
0x04
W
Interrupt enable for pins in Port 0
21-4
Port 1 Interrupt Enable
0x05
W
Interrupt enable for pins in Port 1
21-5
Port 0 Interrupt Polarity
0x06
W
Interrupt polarity for pins in Port 0
21-6
Port 1 Interrupt Polarity
0x07
W
Interrupt polarity for pins in Port 1
21-7
Port 0 Mode0
0x0A
W
Controls output configuration for Port 0
12-4
Port 0 Mode1
0x0B
W
12-5
Port 1 Mode0
0x0C
W
Controls output configuration for Port 1
12-6
Port 1 Mode1
0x0D
W
12-7


Similar Part No. - CY7C63743-QXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63743-PC CYPRESS-CY7C63743-PC Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63743-SC CYPRESS-CY7C63743-SC Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
More results

Similar Description - CY7C63743-QXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com